Electronic Components Datasheet Search
  English  ▼

X  

LMV712TL Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV712TL
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712TL Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV712TL Datasheet HTML 4Page - Texas Instruments LMV712TL Datasheet HTML 5Page - Texas Instruments LMV712TL Datasheet HTML 6Page - Texas Instruments LMV712TL Datasheet HTML 7Page - Texas Instruments LMV712TL Datasheet HTML 8Page - Texas Instruments LMV712TL Datasheet HTML 9Page - Texas Instruments LMV712TL Datasheet HTML 10Page - Texas Instruments LMV712TL Datasheet HTML 11Page - Texas Instruments LMV712TL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
FREQUENCY (Hz)
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
90
60
30
0
VS = 5V
CL = 100pF
CL = 0pF
CL = 100pF
CL = 1000pF
CL = 0pF
CL = 1000pF
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
90
60
30
0
VS = 2.7V
CL = 100pF
CL = 100pF
CL = 1000pF
CL = 0pF
CL = 0pF
CL = 1000pF
FREQUENCY (Hz)
90
60
30
0
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
FREQUENCY (Hz)
RL = 600:
VS = 5V
RL = 10k:
RL = 600:
RL = 10k:
1k
10k
100k
1M
10M
-20
-10
0
10
20
30
40
50
60
70
80
90
60
30
0
600:
600:
10k:
10k:
VS = 2.7V
FREQUENCY (Hz)
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
VS = 2.7V
dVCM = 0.2V TO 1.2V
0
10
20
30
40
50
100
10
100
1k
10k
100k
FREQUENCY (Hz)
60
70
80
90
1M
VS = 5V
dVCM = 2V TO 3V
LMV712-N
SNOS534G – MAY 2004 – REVISED MARCH 2010
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
CMRR
CMRR
vs.
vs.
Frequency
Frequency
Figure 14.
Figure 15.
Open Loop Frequency Response
Open Loop Frequency Response
vs.
vs.
RL
RL
Figure 16.
Figure 17.
Open Loop Frequency Response
Open Loop Frequency Response
vs.
vs.
CL
CL
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com