Electronic Components Datasheet Search
  English  ▼

X  

LMV712TL Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV712TL
Description  LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV712TL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV712TL Datasheet HTML 8Page - Texas Instruments LMV712TL Datasheet HTML 9Page - Texas Instruments LMV712TL Datasheet HTML 10Page - Texas Instruments LMV712TL Datasheet HTML 11Page - Texas Instruments LMV712TL Datasheet HTML 12Page - Texas Instruments LMV712TL Datasheet HTML 13Page - Texas Instruments LMV712TL Datasheet HTML 14Page - Texas Instruments LMV712TL Datasheet HTML 15Page - Texas Instruments LMV712TL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TIME (2µs/div)
LMV712-N
SNOS534G – MAY 2004 – REVISED MARCH 2010
www.ti.com
Figure 33.
A glitch-free output waveform is highly desirable in many applications, one of which is power amplifier control
loops. In this application, the LMV712-N is used to drive the power amplifier's power control. If the LMV712-N did
not have a smooth output ramp during turn on, it would directly cause the power amplifier to produce a glitch at
its output. This adversely affects the performance of the system.
To enable the amplifier, the shutdown pin must be pulled high. It should not be left floating in the event that any
leakage current may inadvertently turn off the amplifier.
PRINTED CIRCUIT BOARD CONSIDERATION
To properly bypass the power supply, several locations on a printed circuit board need to be considered. A 6.8µF
or greater tantalum capacitor should be placed at the point where the power supply for the amplifier is introduced
onto the board. Another 0.1µF ceramic capacitor should be placed as close as possible to the power supply pin
of the amplifier. If the amplifier is operated in a single power supply, only the V+ pin needs to be bypassed with a
0.1µF capacitor. If the amplifier is operated in a dual power supply, both V+ and V− pins need to be bypassed.
It is good practice to use a ground plane on a printed circuit board to provide all components with a low inductive
ground connection.
Surface mount components in 0805 size or smaller are recommended in the LMV712-N application circuits.
Designers can take advantage of the DSBGA, VSSOP and WSON miniature sizes to condense board layout in
order to save space and reduce stray capacitance.
CAPACITIVE LOAD TOLERANCE
The LMV712-N can directly drive 200pF in unity-gain without oscillation. The unity-gain follower is the most
sensitive configuration to capacitive loading. Direct capacitive loading reduces the phase margin of amplifiers.
The combination of the amplifier's output impedance and the capacitive load induces phase lag. This results in
either an under-damped pulse response or oscillation. To drive a heavier capacitive load, Figure 34 can be used.
Figure 34.
In Figure 34, the isolation resistor RISO and the load capacitor CL form a pole to increase stability by adding more
phase margin to the overall system. The desired performance depends on the value of RISO. The bigger the RISO
resistor value, the more stable VOUT will be. But the DC accuracy is degraded when the RISO gets bigger. If there
were a load resistor in Figure 34, the output voltage would be divided by RISO and the load resistor.
12
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Links: LMV712-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com