Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MA Datasheet(PDF) 10 Page - Texas Instruments

Part # LMP7702MA
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702MA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP7702MA Datasheet HTML 6Page - Texas Instruments LMP7702MA Datasheet HTML 7Page - Texas Instruments LMP7702MA Datasheet HTML 8Page - Texas Instruments LMP7702MA Datasheet HTML 9Page - Texas Instruments LMP7702MA Datasheet HTML 10Page - Texas Instruments LMP7702MA Datasheet HTML 11Page - Texas Instruments LMP7702MA Datasheet HTML 12Page - Texas Instruments LMP7702MA Datasheet HTML 13Page - Texas Instruments LMP7702MA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
-1
0
1
2
3
4
5
6
-200
-150
-100
-50
0
50
100
150
200
VCM (V)
VS = 5V
-40°C
25°C
125°C
-1
0
1
2
7
8
9 10 11
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
3
4
5
6
-40°C
125°C
25°C
VS = 10V
2
4
6
8
10
12
-200
-150
-100
-50
0
50
100
150
200
SUPPLY VOLTAGE (V)
-40°C
25°C
125°C
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
VCM (V)
-200
-150
-100
-50
0
50
100
150
200
VS = 3V
25°C
125°C
-40°C
10
1k
1M
FREQUENCY (Hz)
-140
-100
-60
0
100k
10k
100
-20
-80
-120
-40
VS = 5V
VS = 3V
VS = 10V
-40 -20
0
20
40
60
80 100 120125
-200
-150
-100
-50
0
50
200
TEMPERATURE (°C)
100
150
VS = 3V
VS = 5V
VS = 10V
LMP7701, LMP7702, LMP7704
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Offset Voltage
CMRR
vs.
vs.
Temperature
Frequency
Figure 12.
Figure 13.
Offset Voltage
Offset Voltage
vs.
vs.
Supply Voltage
VCM
Figure 14.
Figure 15.
Offset Voltage
Offset Voltage
vs.
vs.
VCM
VCM
Figure 16.
Figure 17.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com