Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MA Datasheet(PDF) 12 Page - Texas Instruments

Part # LMP7702MA
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702MA Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP7702MA Datasheet HTML 8Page - Texas Instruments LMP7702MA Datasheet HTML 9Page - Texas Instruments LMP7702MA Datasheet HTML 10Page - Texas Instruments LMP7702MA Datasheet HTML 11Page - Texas Instruments LMP7702MA Datasheet HTML 12Page - Texas Instruments LMP7702MA Datasheet HTML 13Page - Texas Instruments LMP7702MA Datasheet HTML 14Page - Texas Instruments LMP7702MA Datasheet HTML 15Page - Texas Instruments LMP7702MA Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
0
20
40
60
80
100
0
1
2
(V
+
) -2
(V
+
) -1
V
+
OUTPUT CURRENT (mA)
|
|
VS = 3V, 5V, 10V
TA = -40°C, 25°C, 125C
3V
2
4
6
8
10
12
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
SUPPLY VOLTAGE (V)
FALLING EDGE
RISING EDGE
AV = +1
VIN = 2 VPP
RL = 10 k:
CL = 10 pF
2
4
6
8
10
12
0
20
40
60
80
100
120
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
2
4
6
8
10
12
0
20
40
60
80
100
120
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
1.2
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
10
1k
1M
FREQUENCY (Hz)
0
40
120
100k
10k
100
100
60
20
80
-PSRR
+PSRR
VS = 10V
VS = 5V
VS = 3V
VS = 10V
VS = 5V
VS = 3V
LMP7701, LMP7702, LMP7704
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
PSRR vs. Frequency
Supply Current vs. Supply Voltage (Per Channel)
Figure 24.
Figure 25.
Sinking Current vs. Supply Voltage
Sourcing Current vs. Supply Voltage
Figure 26.
Figure 27.
Output Voltage vs. Output Current
Slew Rate vs. Supply Voltage
Figure 28.
Figure 29.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com