Electronic Components Datasheet Search
  English  ▼

X  

LMP7702MA Datasheet(PDF) 14 Page - Texas Instruments

Part # LMP7702MA
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702MA Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP7702MA Datasheet HTML 10Page - Texas Instruments LMP7702MA Datasheet HTML 11Page - Texas Instruments LMP7702MA Datasheet HTML 12Page - Texas Instruments LMP7702MA Datasheet HTML 13Page - Texas Instruments LMP7702MA Datasheet HTML 14Page - Texas Instruments LMP7702MA Datasheet HTML 15Page - Texas Instruments LMP7702MA Datasheet HTML 16Page - Texas Instruments LMP7702MA Datasheet HTML 17Page - Texas Instruments LMP7702MA Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
2
4
6
8
10
12
0
20
40
60
80
100
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 2 k:
2
4
6
8
10
12
0
20
40
60
80
100
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 2 k:
2
4
6
8
10
12
0
10
20
30
40
50
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 10 k:
2
4
6
8
10
12
0
10
20
30
40
50
SUPPLY VOLTAGE (V)
125°C
25°C
-40°C
RL = 10 k:
500
400
300
200
100
0
60
70
80
90
100
110
120
130
140
150
OUTPUT SWING FROM RAIL (mV)
RL = 2 k:
RL = 10 k:
VS = 3V
VS = 10V
VS = 5V
1
100
100k
FREQUENCY (Hz)
0
40
120
10k
1k
10
100
60
20
80
VS = 3V
VS = 5V
VS = 10V
LMP7701, LMP7702, LMP7704
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
Input Voltage Noise vs. Frequency
Open Loop Gain vs. Output Voltage Swing
Figure 36.
Figure 37.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 38.
Figure 39.
Output Swing High vs. Supply Voltage
Output Swing Low vs. Supply Voltage
Figure 40.
Figure 41.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com