Electronic Components Datasheet Search
  English  ▼

X  

LM48100Q Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48100Q
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q Datasheet(HTML) 1 Page - Texas Instruments

  LM48100Q Datasheet HTML 1Page - Texas Instruments LM48100Q Datasheet HTML 2Page - Texas Instruments LM48100Q Datasheet HTML 3Page - Texas Instruments LM48100Q Datasheet HTML 4Page - Texas Instruments LM48100Q Datasheet HTML 5Page - Texas Instruments LM48100Q Datasheet HTML 6Page - Texas Instruments LM48100Q Datasheet HTML 7Page - Texas Instruments LM48100Q Datasheet HTML 8Page - Texas Instruments LM48100Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
LM48100Q Boomer™ Mono, 1.3W Audio Power Amplifier with Output Fault Detection and
Volume Control
Check for Samples: LM48100Q
1
FEATURES
DESCRIPTION
The LM48100Q is a single supply, mono, bridge-tied
23
•
Output Fault Detection
load amplifier with I2C volume control, ideal for
•
I2C Volume and Mode Control
automotive applications. A comprehensive output
•
Input Mixer/Multiplexer
fault detection system senses the load conditions,
protecting the device during short circuit events, as
•
High PSRR
well as detecting open circuit conditions.
•
Individual 32-Step Volume Control
Operating from a single 5V supply, the LM48100Q
•
Short Circuit and Thermal Protection
delivers 1.3W of continuous output power to an 8
Ω
•
Advanced Click-and-Pop Suppression
load with < 1% THD+N. Flexible power supply
•
Low Power Shutdown Mode
requirements allow operation from 3.0V to 5.5V. High
power supply rejection ratio (PSRR), 74dB at 1kHz,
•
Available in 14-pin HTSSOP Package
allows the device to operate in noisy environments
without additional power supply conditioning.
APPLICATIONS
The LM48100Q features dual audio inputs that can
•
Automotive Instrument Clusters
be mixed/multiplexed to the device output. Each input
•
Hands-free Car Kits
path has its own independent, 32-step volume
•
Medical
control. The mixer, volume control and device mode
select are controlled through an I2C compatible
interface. An open drain FAULT output indicates
KEY SPECIFICATIONS
when a fault has occurred. Comprehensive output
•
Output Power at VDD = 5V, RL = 8Ω, THD+N ≤
short circuit and thermal overload protection prevent
1% 1.3W (typ)
the device from being damaged during a fault
•
Quiescent Power Supply Current
at 5V 6mA
condition.
(Typ)
A low power shutdown mode reduces supply current
•
PSRR at 1kHz 74dB (Typ)
consumption to 0.01µA. Superior click and pop
suppression eliminates audible transients on power-
•
Shutdown current 0.01
μA (Typ)
up/down and during shutdown. The LM48100Q is
available in an 14-pin HTSSOP package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM48100Q

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
Audio Power Amplifier
LM48100Q-Q1 TI2-LM48100Q-Q1 Datasheet
802Kb / 31P
LM48100Q-Q1 Boomer™ Mono, 1.3-W Audio Power Amplifier With Output Fault Detection and Volume Control
REVISED NOVEMBER 2015
logo
National Semiconductor ...
LM48100QMH NSC-LM48100QMH Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100QMH TI1-LM48100QMH Datasheet
1Mb / 28P
Audio Power Amplifier
More results

Similar Description - LM48100Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052A NXP-TDA7052A Datasheet
66Kb / 12P
1 W BTL mono audio amplifier with DC volume control
July 1994
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
SNAS470D TI-SNAS470D Datasheet
985Kb / 24P
Output Fault Detection, I2C Volume and Mode Control, Input Mixer/Multiplexer
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM4936 TI1-LM4936 Datasheet
2Mb / 37P
Boomer??Audio Power Amplifier Series Stereo 2W Audio Power Amplifiers with Volume Control and Selectable Control Interface (SPI or I2C)
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com