Electronic Components Datasheet Search
  English  ▼

X  

LM48100Q Datasheet(PDF) 11 Page - Texas Instruments

Part # LM48100Q
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM48100Q Datasheet HTML 7Page - Texas Instruments LM48100Q Datasheet HTML 8Page - Texas Instruments LM48100Q Datasheet HTML 9Page - Texas Instruments LM48100Q Datasheet HTML 10Page - Texas Instruments LM48100Q Datasheet HTML 11Page - Texas Instruments LM48100Q Datasheet HTML 12Page - Texas Instruments LM48100Q Datasheet HTML 13Page - Texas Instruments LM48100Q Datasheet HTML 14Page - Texas Instruments LM48100Q Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
LM48100Q
www.ti.com
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
Figure 16. Example Write Sequence
Table 1. Device Address
B7
B6
B5
B4
B3
B2
B1
B0 R/W
ADR = 0
1
1
1
1
1
0
0
0
ADR = 1
1
1
1
1
1
0
1
0
Table 2. I2C Control Registers
Register
Register Name
B7
B6
B5
B4
B3
B2
B1
B0
Address
0
MODE CONTROL
0
0
0
POWER_ON
INPUT_2
INPUT_1
0
0
DIAGNOSTIC
1
0
0
1
DG_EN
DG_CONT
DG_RESET
ILIMIT
0
CONTROL
FAULT DETECTION
OUTPUT
OUTPUT
2
0
1
0
TSD
OCF
RAIL_SHT
CONTROL
_OPEN
_SHORT
VOLUME CONTROL
3
0
1
1
VOL1_4
VOL1_3
VOL1_2
VOL1_1
VOL1_0
1
VOLUME CONTROL
4
1
0
0
VOL2_4
VOL2_3
VOL2_2
VOL_2
VOL2_0
2
Table 3. Mode Control Registers
BIT
NAME
VALUE
DESCRIPTION
B0, B1
RESERVED
0
Unused
0
IN1 Input unselected
B2
INPUT_1
1
IN1 Input selected
0
IN2 Input unselected
B3
INPUT_2
1
IN2 Input selected
0
Device Disabled
B4
POWER_ON
1
Device Enabled
DIAGNOSTIC CONTROL
The LM48100Q output fault diagnostics are controlled through the I2C interface. When power is initially applied to
the device, the LM48100Q initializes, performing the full diagnostic sequence; output short to VDD and GND,
outputs shorted together, and no load condition, is performed. The device remains in shutdown while the initial
diagnostic check is performed. Any I2C commands written to the device during this time are stored and
implemented once the diagnostic check is complete. The initial diagnostic sequence can be terminated by setting
DG_RESET = 1.
The Diagnostic Control register, register 1, controls the LM48100Q diagnostic process. Bit B4, DG_EN, enables
the output fault detection. Set DG_EN = 1 to enable the output diagnostic test sequence. The LM48100Q treats
the DG_EN bit as rising-edge-sensitive; once DG_EN = 1 is clocked into the device, the diagnostic test is
performed. If the LM48100Q is in one-shot mode, once the test sequence is performed, the DG_EN bit is ignored
and the test sequence will not be run again. Cycle DG_EN from high-to-low-to-high to re-enable the one-shot
diagnostic test sequence.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com