Electronic Components Datasheet Search
  English  ▼

X  

LM48100Q Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48100Q
Description  LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM48100Q Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48100Q Datasheet HTML 10Page - Texas Instruments LM48100Q Datasheet HTML 11Page - Texas Instruments LM48100Q Datasheet HTML 12Page - Texas Instruments LM48100Q Datasheet HTML 13Page - Texas Instruments LM48100Q Datasheet HTML 14Page - Texas Instruments LM48100Q Datasheet HTML 15Page - Texas Instruments LM48100Q Datasheet HTML 16Page - Texas Instruments LM48100Q Datasheet HTML 17Page - Texas Instruments LM48100Q Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM48100Q
SNAS470D – OCTOBER 2008 – REVISED MARCH 2013
www.ti.com
If the output current exceeds the current limit, the device outputs are disabled and FAULT is driven low. The
output over-current detection circuitry remains active when the diagnostics have been disabled (DG_EN = 0).
Thermal Overload Detection
The LM48100Q has thermal overload threshold of 170°C (typ). If the die temperature exceeds 170°C, the outputs
are disabled and FAULT is driven low. The thermal overload detection circuitry remains active when the
diagnostics have been disabled (DG_EN = 0).
OPEN FAULT OUTPUT
The LM48100Q features an open drain, fault indication output, FAULT , that asserts when a fault condition is
detected by the device. FAULT goes low when either an output short, output open, over current, or thermal
overload fault is detected, and the diagnostic test is not ignored, see FAULT DETECTION CONTROL
REGISTER section. FAULT remains low even after the fault condition has been cleared and the diagnostic tests
are repeated. Toggle DG_RESET to clear FAULT .
Connect a 1.5k
Ω or higher pull-up resistor between FAULT and VDD.
VOLUME CONTROL
Table 7. Volume Control
Volume Step
VOL4
VOL3
VOL2
VOL1
VOL0
Gain (dB)
1
0
0
0
0
0
–80
2
0
0
0
0
1
–54
3
0
0
0
1
0
–40.5
4
0
0
0
1
1
–34.5
5
0
0
1
0
0
–30
6
0
0
1
0
1
–27
7
0
0
1
1
0
–24
8
0
0
1
1
1
–21
9
0
1
0
0
0
–18
10
0
1
0
0
1
–15
11
0
1
0
1
0
–13.5
12
0
1
0
1
1
–12
13
0
1
1
0
0
–10.5
14
0
1
1
0
1
–9
15
0
1
1
1
0
–7.5
16
0
1
1
1
1
–6
17
1
0
0
0
0
–4.5
18
1
0
0
0
1
–3
19
1
0
0
1
0
–1.5
20
1
0
0
1
1
0
21
1
0
1
0
0
1.5
22
1
0
1
0
1
3
23
1
0
1
1
0
4.5
24
1
0
1
1
1
6
25
1
1
0
0
0
7.5
26
1
1
0
0
1
9
27
1
1
0
1
0
10.5
28
1
1
0
1
1
12
29
1
1
1
0
0
13.5
30
1
1
1
0
1
15
31
1
1
1
1
0
16.5
14
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM48100Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com