Electronic Components Datasheet Search
  English  ▼

X  

LM5574 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5574 Datasheet(HTML) 1 Page - Texas Instruments

  LM5574 Datasheet HTML 1Page - Texas Instruments LM5574 Datasheet HTML 2Page - Texas Instruments LM5574 Datasheet HTML 3Page - Texas Instruments LM5574 Datasheet HTML 4Page - Texas Instruments LM5574 Datasheet HTML 5Page - Texas Instruments LM5574 Datasheet HTML 6Page - Texas Instruments LM5574 Datasheet HTML 7Page - Texas Instruments LM5574 Datasheet HTML 8Page - Texas Instruments LM5574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
BST
SW
COMP
FB
SS
RAMP
RT
VCC
VIN
OUT
IS
GND
LM5574
VIN
VOUT
SYNC
SD
LM5574, LM5574-Q1
www.ti.com
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
LM5574/LM5574-Q1 SIMPLE SWITCHER® 75V, 0.5A Step-Down Switching Regulator
Check for Samples: LM5574, LM5574-Q1
1
FEATURES
DESCRIPTION
The LM5574 is an easy to use SIMPLE SWITCHER®
23
•
LM5574-Q1 is an Automotive Grade Product
buck regulator which allows design engineers to
that is AEC-Q100 Grade 1 Qualified (
−40°C to +
design and optimize a robust power supply using a
125°C Operating Junction Temperature)
minimum set of components. Operating with an input
•
Integrated 75V, 750m
Ω N-channel MOSFET
voltage range of 6 - 75V, the LM5574 delivers 0.5A of
continuous output current with an integrated 750m
Ω
•
Ultra-Wide Input Voltage Range from 6V to 75V
N-Channel
MOSFET.
The
regulator
utilizes
an
•
Adjustable Output Voltage as Low as 1.225V
Emulated Current Mode architecture which provides
•
1.5% Feedback Reference Accuracy
inherent line regulation, tight load transient response,
•
Operating Frequency Adjustable Between
and ease of loop compensation without the usual
limitation of low-duty cycles associated with current
50kHz and 500kHz with Single Resistor
mode
regulators.
The
operating
frequency
is
•
Master or Slave Frequency Synchronization
adjustable
from
50kHz
to
500kHz
to
allow
•
Adjustable Soft-Start
optimization of size and efficiency. To reduce EMI, a
•
Emulated Current Mode Control Architecture
frequency synchronization pin allows multiple IC’s
from the LM(2)557x family to self-synchronize or to
•
Wide Bandwidth Error Amplifier
synchronize to an external clock. The LM5574
•
Built-in Protection
ensures robustness with cycle-by-cycle current limit,
•
Automotive Grade Product Datasheet that is
short-circuit
protection,
thermal
shut-down,
and
remote shut-down. The device is available in a
AEC-Q100 Grade 0 Qualified is Available Upon
TSSOP-16 package. The LM5574 is supported by the
Request
full suite of WEBENCH® On-Line design tools.
–
(
−40°C to + 150°C Operating Junction
Temperature)
PACKAGE
•
TSSOP-16
APPLICATIONS
•
Automotive
•
Industrial
Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
WEBENCH is a registered trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5574 NSC-LM5574 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI-LM5574 Datasheet
930Kb / 28P
LM5574-Q1 is an Automotive Grade Product that is AEC-Q100 Grade 1 Qualified (??0째C to 125째C Operating Junction Temperature)
LM5574 TI1-LM5574 Datasheet
911Kb / 28P
SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574 Datasheet
966Kb / 29P
LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results

Similar Description - LM5574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5576 TI1-LM5576_13 Datasheet
1Mb / 30P
SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5574 TI-LM5574_15 Datasheet
915Kb / 29P
LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574 Datasheet
966Kb / 29P
LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM5576Q0 TI1-LM5576Q0 Datasheet
972Kb / 27P
LM5576Q0 SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com