Electronic Components Datasheet Search
  English  ▼

X  

LM5574 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5574 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5574 Datasheet HTML 16Page - Texas Instruments LM5574 Datasheet HTML 17Page - Texas Instruments LM5574 Datasheet HTML 18Page - Texas Instruments LM5574 Datasheet HTML 19Page - Texas Instruments LM5574 Datasheet HTML 20Page - Texas Instruments LM5574 Datasheet HTML 21Page - Texas Instruments LM5574 Datasheet HTML 22Page - Texas Instruments LM5574 Datasheet HTML 23Page - Texas Instruments LM5574 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LM5574, LM5574-Q1
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Table 1. 5V, 0.5A Demo Board Bill of Materials
Item
Part Number
Description
Value
C
1
C3225X7R2A105M
CAPACITOR, CER, TDK
1µ, 100V
C
2
OPEN
NOT USED
C
3
C0805A471K1GAC
CAPACITOR, CER, KEMET
470p, 100V
C
4
C2012X7R2A103K
CAPACITOR, CER, TDK
0.01µ, 100V
C
5
C2012X7R2A223K
CAPACITOR, CER, TDK
0.022µ, 100V
C
6
OPEN
NOT USED
C
7
C2012X7R2A223K
CAPACITOR, CER, TDK
0.022µ, 100V
C
8
C2012X7R1C474M
CAPACITOR, CER, TDK
0.47µ, 16V
C
9
C3225X7R1C226M
CAPACITOR, CER, TDK
22µ, 16V
D
1
CMSH2-100M
DIODE, 100V, CENTRAL
L
1
DR74-101
INDUCTOR, COOPER
100µH
R
1
OPEN
NOT USED
R
2
OPEN
NOT USED
R
3
CRCW08052102F
RESISTOR
21k
Ω
R
4
CRCW08052492F
RESISTOR
24.9k
Ω
R
5
CRCW08055111F
RESISTOR
5.11k
Ω
R
6
CRCW08051651F
RESISTOR
1.65k
Ω
U
1
LM5574
REGULATOR, TEXAS INSTRUMENTS
20
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com