Electronic Components Datasheet Search
  English  ▼

X  

LM5574 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5574
Description  LM5574/LM5574-Q1 SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5574 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5574 Datasheet HTML 14Page - Texas Instruments LM5574 Datasheet HTML 15Page - Texas Instruments LM5574 Datasheet HTML 16Page - Texas Instruments LM5574 Datasheet HTML 17Page - Texas Instruments LM5574 Datasheet HTML 18Page - Texas Instruments LM5574 Datasheet HTML 19Page - Texas Instruments LM5574 Datasheet HTML 20Page - Texas Instruments LM5574 Datasheet HTML 21Page - Texas Instruments LM5574 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
BST
SW
VCC
IS
GND
LM5574
COUT
D1
L1
D2
V
OUT
BST
SW
VCC
IS
GND
LM5574
VOUT
D2
D1
L1
COUT
LM5574, LM5574-Q1
SNVS478F – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
BIAS POWER DISSIPATION REDUCTION
Buck regulators operating with high input voltage can dissipate an appreciable amount of power for the bias of
the IC. The VCC regulator must step-down the input voltage VIN to a nominal VCC level of 7V. The large voltage
drop across the VCC regulator translates into a large power dissipation within the Vcc regulator. There are several
techniques that can significantly reduce this bias regulator power dissipation. Figure 20 and Figure 21 depict two
methods to bias the IC from the output voltage. In each case the internal Vcc regulator is used to initially bias the
VCC pin. After the output voltage is established, the VCC pin potential is raised above the nominal 7V regulation
level, which effectively disables the internal VCC regulator. The voltage applied to the VCC pin should never
exceed 14V. The VCC voltage should never be larger than the VIN voltage.
Figure 20. VCC Bias from VOUT for 8V < VOUT < 14V
Figure 21. VCC Bias with Additional Winding on the Output Inductor
18
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5574 LM5574-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com