Electronic Components Datasheet Search
  English  ▼

X  

LM3488MMX Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3488MMX
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MMX Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3488MMX Datasheet HTML 3Page - Texas Instruments LM3488MMX Datasheet HTML 4Page - Texas Instruments LM3488MMX Datasheet HTML 5Page - Texas Instruments LM3488MMX Datasheet HTML 6Page - Texas Instruments LM3488MMX Datasheet HTML 7Page - Texas Instruments LM3488MMX Datasheet HTML 8Page - Texas Instruments LM3488MMX Datasheet HTML 9Page - Texas Instruments LM3488MMX Datasheet HTML 10Page - Texas Instruments LM3488MMX Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM3488
LM3488-Q1
www.ti.com
SNVS089M – JULY 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VIN = 12V, TJ = 25°C.
Efficiency
Efficiency
vs
vs
Load Current (9V In and 12V Out)
Load Current (3.3V In and 5V Out)
Figure 13.
Figure 14.
Error Amplifier Gain
Error Amplifier Phase
Figure 15.
Figure 16.
COMP Pin Source Current
Short Circuit Protection
vs
vs
Temperature
Input Voltage
Figure 17.
Figure 18.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com