Electronic Components Datasheet Search
  English  ▼

X  

LM3488MMX Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3488MMX
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MMX Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3488MMX Datasheet HTML 8Page - Texas Instruments LM3488MMX Datasheet HTML 9Page - Texas Instruments LM3488MMX Datasheet HTML 10Page - Texas Instruments LM3488MMX Datasheet HTML 11Page - Texas Instruments LM3488MMX Datasheet HTML 12Page - Texas Instruments LM3488MMX Datasheet HTML 13Page - Texas Instruments LM3488MMX Datasheet HTML 14Page - Texas Instruments LM3488MMX Datasheet HTML 15Page - Texas Instruments LM3488MMX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
Figure 25. Increasing the Slope of the Compensation Ramp
Figure 26.
ΔVSL vs RSL
FREQUENCY ADJUST/SYNCHRONIZATION/SHUTDOWN
The switching frequency of LM3488 can be adjusted between 100kHz and 1MHz using a single external resistor.
This resistor must be connected between FA/SYNC/SD pin and ground, as shown in Figure 27. See Typical
Performance Characteristics to determine the value of the resistor required for a desired switching frequency.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com