Electronic Components Datasheet Search
  English  ▼

X  

LM3488MMX Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3488MMX
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488MMX Datasheet(HTML) 2 Page - Texas Instruments

  LM3488MMX Datasheet HTML 1Page - Texas Instruments LM3488MMX Datasheet HTML 2Page - Texas Instruments LM3488MMX Datasheet HTML 3Page - Texas Instruments LM3488MMX Datasheet HTML 4Page - Texas Instruments LM3488MMX Datasheet HTML 5Page - Texas Instruments LM3488MMX Datasheet HTML 6Page - Texas Instruments LM3488MMX Datasheet HTML 7Page - Texas Instruments LM3488MMX Datasheet HTML 8Page - Texas Instruments LM3488MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. 8-Lead VSSOP Package
PIN DESCRIPTIONS
Pin Name
Pin
Description
No.
ISEN
1
Current sense input pin. Voltage generated across an external sense resistor is fed into this pin.
COMP
2
Compensation pin. A resistor, capacitor combination connected to this pin provides compensation for the control
loop.
FB
3
Feedback pin. The output voltage should be adjusted using a resistor divider to provide 1.26V at this pin.
AGND
4
Analog ground pin.
PGND
5
Power ground pin.
DR
6
Drive pin of the IC. The gate of the external MOSFET should be connected to this pin.
FA/SYNC/SD
7
Frequency adjust, synchronization, and Shutdown pin. A resistor connected to this pin sets the oscillator
frequency. An external clock signal at this pin will synchronize the controller to the frequency of the clock. A high
level on this pin for
≥ 30µs will turn the device off. The device will then draw less than 10µA from the supply.
VIN
8
Power supply input pin.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Input Voltage
45V
FB Pin Voltage
-0.4V < VFB < 7V
FA/SYNC/SD Pin Voltage
-0.4V < VFA/SYNC/SD < 7V
Peak Driver Output Current (<10µs)
1.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
ESD Susceptibilty
Human Body Model(2)
2kV
Lead Temperature
Vapor Phase (60 sec.)
215°C
Infared (15 sec.)
260°C
DR Pin Voltage
−0.4V ≤ VDR ≤ 8V
ILIM Pin Voltage
600mV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com