Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 222 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 222 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 218Page - Microchip Technology DM163006 Datasheet HTML 219Page - Microchip Technology DM163006 Datasheet HTML 220Page - Microchip Technology DM163006 Datasheet HTML 221Page - Microchip Technology DM163006 Datasheet HTML 222Page - Microchip Technology DM163006 Datasheet HTML 223Page - Microchip Technology DM163006 Datasheet HTML 224Page - Microchip Technology DM163006 Datasheet HTML 225Page - Microchip Technology DM163006 Datasheet HTML 226Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 320 page
background image
PIC18C601/801
DS39541A-page 222
Advance Information
 2001 Microchip Technology Inc.
ADDWFC
ADD WREG and Carry bit to f
Syntax:
[ label ] ADDWFC
f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(WREG) + (f) + (C)
→ dest
Status Affected:
N,OV, C, DC, Z
Encoding:
0010
00da
ffff
ffff
Description:
Add WREG, the Carry Flag and data
memory location ’f’. If ’d’ is 0, the
result is placed in WREG. If ’d’ is 1,
the result is placed in data memory
location 'f'. If ’a’ is 0, the Access Bank
will be selected. If ’a’ is 1, the Bank
will be selected as per the BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
ADDWFC
REG,
W
Before Instruction
C=
1
REG
=
02h
WREG
=
4Dh
N=
?
OV
=
?
DC
=
?
Z=
?
After Instruction
C=
0
REG
=
02h
WREG
=
50h
N=
0
OV
=
0
DC
=
0
Z=
0
ANDLW
AND literal with WREG
Syntax:
[ label ] ANDLW
k
Operands:
0
≤ k ≤ 255
Operation:
(WREG) .AND. k
→ WREG
Status Affected:
N,Z
Encoding:
0000
1011
kkkk
kkkk
Description:
The contents of WREG are AND’ed
with the 8-bit literal 'k'. The result is
placed in WREG.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read literal
’k’
Process
Data
Write to
WREG
Example:
ANDLW
5Fh
Before Instruction
WREG
=
0A3h
N=
?
Z=
?
After Instruction
WREG
=
03h
N=
0
Z=
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com