Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 27 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 27 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 23Page - Microchip Technology DM163006 Datasheet HTML 24Page - Microchip Technology DM163006 Datasheet HTML 25Page - Microchip Technology DM163006 Datasheet HTML 26Page - Microchip Technology DM163006 Datasheet HTML 27Page - Microchip Technology DM163006 Datasheet HTML 28Page - Microchip Technology DM163006 Datasheet HTML 29Page - Microchip Technology DM163006 Datasheet HTML 30Page - Microchip Technology DM163006 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 27
PIC18C601/801
If the main oscillator is configured for HS4 (PLL) mode
with SCS1 bit set to ‘1’, an oscillator start-up time
(TOST), plus an additional PLL time-out (TPLL) will
occur. The PLL time-out is typically 2 ms and allows the
PLL to lock to the main oscillator frequency. A timing
diagram indicating the transition from the Timer1 oscil-
lator to the main oscillator for HS4 mode is shown in
Figure 2-8.
If the main oscillator is configured for HS4 (PLL) mode,
with SCS1 bit set to ‘0’, only oscillator start-up time
(TOST) will occur. Since SCS1 bit is set to ‘0’, PLL out-
put is not used, so the system oscillator will come from
OSC1 directly and additional delay of TPLL is not
required. A timing diagram indicating the transition from
the Timer1 oscillator to the main oscillator for HS4
mode is shown in Figure 2-9.
If the main oscillator is configured in the RC or EC
modes, there is no oscillator start-up time-out. Opera-
tion will resume after eight cycles of the main oscillator
have been counted. A timing diagram indicating the
transition from the Timer1 oscillator to the main oscilla-
tor for RC and EC modes is shown in Figure 2-10.
FIGURE 2-8:
TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (HS4 WITH SCS1 = 1)
FIGURE 2-9:
TIMING FOR TRANSITION BETWEEN TIMER1 AND OSC1 (HS4 WITH SCS = 0)
Q4
Q1
Q1
Q2 Q3 Q4
Q1 Q2
OSC1
Internal System
SCS0
(OSCCON<0>)
Program Counter
PC
PC + 2
Note: TOST = 1024TOSC (drawing not to scale).
T1OSI
Clock
TOST
Q3
PC + 4
TPLL
TOSC
TT1P
TSCS
Q4
OSC2
PLL Clock
Input
12
3
4
5
6
7
8
Q4
Q1
Q1
Q2
Q3
Q4
Q1
Q2
OSC1
Internal
SCS0
(OSCCON<0>)
Program
PC
PC + 2
Note:
TOST = 1024TOSC (drawing not to scale).
T1OSI
Clock
PLL
TOST
PC + 4
TPLL
TOSC
TDLY
TT1P
OSC2
Output
Counter
System
Clock
TSCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com