Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 81 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 81 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 77Page - Microchip Technology DM163006 Datasheet HTML 78Page - Microchip Technology DM163006 Datasheet HTML 79Page - Microchip Technology DM163006 Datasheet HTML 80Page - Microchip Technology DM163006 Datasheet HTML 81Page - Microchip Technology DM163006 Datasheet HTML 82Page - Microchip Technology DM163006 Datasheet HTML 83Page - Microchip Technology DM163006 Datasheet HTML 84Page - Microchip Technology DM163006 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 81
PIC18C601/801
6.3.3
EXTERNAL TABLE WRITE IN 16-BIT
WORD WRITE MODE
This mode allows Table Writes to any type of word-
wide external memories.
This method makes a distinction between TBLWT
cycles to even or odd addresses.
During a TBLWT cycle to an even address, where
TBLPTR<0> = 0, the TABLAT data is transferred to a
holding latch and the external address data bus is tri-
stated for the data portion of the bus cycle. No write
signals are activated.
During a TBLWT cycle to an odd address, where
TBLPTR<0> = 1, the TABLAT data is presented on the
upper byte of the AD<15:0> bus. The contents of the
holding latch are presented on the lower byte of the
AD<15:0> bus.
The WRH line is strobed for each
write cycle and the WRL line is unused. The BA0 line
indicates the LSb of TBLPTR, but it is unnecessary.
The UB and LB lines are active to select both bytes.
The obvious limitation to this method is that the TBLWT
must be done in pairs on a specific word boundary to
correctly write a word location.
Figure 6-9 shows the timing associated with this mode.
FIGURE 6-9:
TBLWT
EXTERNAL INTERFACE TIMING (16-BIT WORD WRITE MODE)
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
ALE
OE
WRH
WRL
BA0
Opcode Fetch
Opcode Fetch
Opcode Fetch
TBLWT*+
TBLWT* Cycle1
MOVLW 55h
from 007554h
Q2
Q1
Q3 Q4
TBLWT 56h
to 199E66h
from 00755Ah
Memory
Cycle
Instruction
Execution
INST(PC-2)
TBLWT* Cycle2
MOVWF TABLAT
from 007556h
Q2
Q1
Q3 Q4
Q2
Q1
Q3 Q4
TBLWT 92h
to 199E67h
TBLWT*+ Cycle1 TBLWT*+ Cycle2
UB
LB
Opcode Fetch
TBLWT*
from 007558h
MOVWF
’1’
A<19:16>
3AAAh
AD<15:0>
0h
0h
000Dh
Ch
CF33h
3AABh
6FF4h
3AACh
000Ch
0h
0h
3AADh
0E55h
CF33h
9256h
Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com