Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 104 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 104 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 100Page - Microchip Technology DM163006 Datasheet HTML 101Page - Microchip Technology DM163006 Datasheet HTML 102Page - Microchip Technology DM163006 Datasheet HTML 103Page - Microchip Technology DM163006 Datasheet HTML 104Page - Microchip Technology DM163006 Datasheet HTML 105Page - Microchip Technology DM163006 Datasheet HTML 106Page - Microchip Technology DM163006 Datasheet HTML 107Page - Microchip Technology DM163006 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 320 page
background image
PIC18C601/801
DS39541A-page 104
Advance Information
 2001 Microchip Technology Inc.
FIGURE 9-2:
RA4/T0CKI PIN BLOCK
DIAGRAM
TABLE 9-1:
PORTA FUNCTIONS
TABLE 9-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Data
Bus
WR TRISA
RD PORTA
Data Latch
TRIS Latch
RD TRISA
Schmitt
Trigger
Input
Buffer
N
VSS
I/O pin(1)
TMR0 Clock Input
Note 1: I/O pin has diode protection to VSS only.
Q
D
Q
CK
Q
D
Q
CK
EN
QD
EN
RD LATA
WR LATA
or
WR PORTA
Name
Bit#
Buffer
Function
RA0/AN0
bit0
TTL
Input/output or analog input
RA1/AN1
bit1
TTL
Input/output or analog input
RA2/AN2/VREF-
bit2
TTL
Input/output or analog input or VREF-
RA3/AN3/VREF+
bit3
TTL
Input/output or analog input or VREF+
RA4/T0CKI
bit4
ST/OD
Input/output or external clock input for Timer0, output is open drain type
RA5/SS/AN4/LVDIN
bit5
TTL
Input/output or slave select input for synchronous serial port or analog
input or low voltage detect input
Legend: TTL = TTL input, ST = Schmitt Trigger input, OD = Open Drain
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on all
other
RESETS
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--0x 0000
--uu uuuu
LATA
—
Latch A Data Output Register
-xxx xxxx
-uuu uuuu
TRISA
—
PORTA Data Direction Register
-111 1111
-111 1111
ADCON1
—
—
VCFG1 VCFG0
PCFG3
PCFG2
PCFG1
PCFG0 --00 0000 --uu uuuu
Legend: x = unknown, u = unchanged, - = unimplemented locations read as '0'.
Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com