Electronic Components Datasheet Search
  English  ▼

X  

DM163006 Datasheet(PDF) 139 Page - Microchip Technology

Part # DM163006
Description  High-Performance ROM-less Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM163006 Datasheet(HTML) 139 Page - Microchip Technology

Back Button DM163006 Datasheet HTML 135Page - Microchip Technology DM163006 Datasheet HTML 136Page - Microchip Technology DM163006 Datasheet HTML 137Page - Microchip Technology DM163006 Datasheet HTML 138Page - Microchip Technology DM163006 Datasheet HTML 139Page - Microchip Technology DM163006 Datasheet HTML 140Page - Microchip Technology DM163006 Datasheet HTML 141Page - Microchip Technology DM163006 Datasheet HTML 142Page - Microchip Technology DM163006 Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 139
PIC18C601/801
13.2
Timer1 Oscillator
The Timer1 oscillator may be used as the clock source
for Timer3. The Timer1 oscillator is enabled by setting
the T1OSCEN bit (T1CON Register). The oscillator is
a low power oscillator rated up to 200 kHz. Refer to
“Timer1 Module”, Section 11.0, for Timer1 oscillator
details.
13.3
Timer3 Interrupt
The TMR3 register pair (TMR3H:TMR3L) increments
from 0000h to FFFFh and rolls over to 0000h. The
TMR3 interrupt, if enabled, is generated on overflow,
which is latched in interrupt flag bit TMR3IF (PIE
registers). This interrupt can be enabled/disabled by
setting/clearing TMR3 interrupt enable bit TMR3IE
(PIE registers).
13.4
Resetting Timer3 Using a CCP
Trigger Output
If the CCP module is configured in Compare mode to
generate a “special event trigger" (CCP1M3:CCP1M0
= 1011), this signal will reset Timer3.
Timer3 must be configured for either Timer, or Synchro-
nized Counter mode, to take advantage of this feature. If
Timer3 is running in Asynchronous Counter mode, this
RESET operation may not work. In the event that a write
to Timer3 coincides with a special event trigger from
CCP1, the write will take precedence. In this mode of
operation,
the
CCPR1H:CCPR1L
registers
pair
becomes the period register for Timer3. Refer to
Section 14.0, “Capture/Compare/PWM (CCP) Modules”,
for CCP details.
TABLE 13-1:
REGISTERS ASSOCIATED WITH TIMER3 AS A TIMER/COUNTER
Note:
The special event triggers from the CCP
module will not set interrupt flag bit
TMR3IF (PIR registers).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR,
BOR
Value on
all other
RESETS
INTCON
GIE/
GIEH
PEIE/
GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
PIR2
—
—
—
—
BCLIF
LVDIF
TMR3IF
CCP2IF
---- 0000
-0-- 0000
PIE2
—
—
—
—
BCLIE
LVDIE
TMR3IE
CCP2IE
---- 0000
-0-- 0000
IPR2
—
—
—
—
BCLIP
LVDIP
TMR3IP
CCP2IP
---- 0000
-0-- 0000
TMR3L
Holding register for the Least Significant Byte of the 16-bit TMR3 register
xxxx xxxx
uuuu uuuu
TMR3H
Holding register for the Most Significant Byte of the 16-bit TMR3 register
xxxx xxxx
uuuu uuuu
T1CON
RD16
—
T1CKPS1 T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0-00 0000
u-uu uuuu
T3CON
RD16
T3CCP2 T3CKPS1 T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by the Timer3 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com