Electronic Components Datasheet Search
  English  ▼

X  

PCM1750P Datasheet(PDF) 15 Page - Texas Instruments

Part # PCM1750P
Description  Dual CMOS 18-Bit Monolithic Audio NALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1750P Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1750P Datasheet HTML 11Page - Texas Instruments PCM1750P Datasheet HTML 12Page - Texas Instruments PCM1750P Datasheet HTML 13Page - Texas Instruments PCM1750P Datasheet HTML 14Page - Texas Instruments PCM1750P Datasheet HTML 15Page - Texas Instruments PCM1750P Datasheet HTML 16Page - Texas Instruments PCM1750P Datasheet HTML 17Page - Texas Instruments PCM1750P Datasheet HTML 18Page - Texas Instruments PCM1750P Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15
®
PCM1750
The PCM1750 is sensitive to supply voltages outside the
absolute maximum ratings shown in the specification tables.
Do not exceed –8V on the negative supplies at any time or
irreversible damage may occur. Note the 10
Ω resistors in
series with each –5V supply line (shown in Figure–7) to help
protect the part from severe damage if the supplies are over-
ranged momentarily.
Grounding Requirements
Because of the high resolution and linearity of the PCM1750,
system design problems such as ground path resistance and
contact resistance become very important.
The ACOM and DCOM pins are separated internally on the
PCM1750. To eliminate unwanted ground loops, all com-
mons (both analog and digital) should be connected to the
same low-impedance ground plane. This should be an ana-
log ground plane separate from other high-frequency digital
ground planes on the same board. If the analog and digital
commons of the PCM1750 are connected to different ground
planes, care should be taken to keep them within 0.6V of
each other to insure proper operation of the converter.
A ground plane is usually the best solution for preserving
dynamic performance and reducing noise coupling into
sensitive converter circuits. Where any compromises must
be made, the common return of the analog input signals
should be referenced to the ACOM pins. This will prevent
voltage drops in the power supply returns from appearing in
series with the input signal.
Coupling between analog input and digital lines should be
minimized by careful layout. For instance, if the lines must
cross, they should do so at right angles. Parallel analog and
digital lines should be separated from each other by a pattern
connected to common.
If external MSB and offset adjust potentiometers are used,
the potentiometers and related resistors should be located as
close to the PCM1750 as possible.
Minimizing “Glitches”
Coupling of external transients into an analog-to-digital
converter can cause errors which are difficult to debug. Care
should be taken to avoid glitches during critical times in the
sampling and conversion process. Since the PCM1750 has
an internal sample/hold function, the signal that switches it
into the HOLD state (CONVERT going HIGH) is critical, as
it would be on any sample/hold amplifier. The CONVERT
rising edge should have minimal ringing, especially during
the 20ns after it rises.
APPLICATIONS
USING A DIGITAL FILTER
A 4x decimation filter is available for the PCM1750 called
the DF1750. It is available in a 28-pin DIP or a 40-pin SOIC
package. The use of this filter greatly eases the implementa-
tion of the PCM1750 in audio band applications.
10µF
+
18
1/2 5532
10µF
+
25
1/2 5532
VREF
INL
VREF
INR
MC1403
+5V
2.5V
+
24
VREF
OUTL
+
19
VREF
OUTR
1µF
1µF
2.75V
2.75V
+
1µF
+
1µF
909
Ω
909
Ω
1k
Ω
1k
Ω
10k
Ω
10k
Ω
3
1
2
0.1µF
26.36k
Ω
1/2 5532
1/2 5532
10k
Ω
REF102
+15
10µF
+
18
10µF
+
25
VREF
INL
VREF
INR
+
24
VREF
OUTL
+
19
VREF
OUTR
1µF
1µF
2.75V
2.75V
6
8
10V
4
2
+
1µF
FIGURE 8b. External Reference Circuit Using Standard
2.5V Reference.
FIGURE 8c. Low Noise, Low Drift External Reference
Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com