Electronic Components Datasheet Search
  English  ▼

X  

TL1454CD Datasheet(PDF) 2 Page - Texas Instruments

Part # TL1454CD
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454CD Datasheet(HTML) 2 Page - Texas Instruments

  TL1454CD Datasheet HTML 1Page - Texas Instruments TL1454CD Datasheet HTML 2Page - Texas Instruments TL1454CD Datasheet HTML 3Page - Texas Instruments TL1454CD Datasheet HTML 4Page - Texas Instruments TL1454CD Datasheet HTML 5Page - Texas Instruments TL1454CD Datasheet HTML 6Page - Texas Instruments TL1454CD Datasheet HTML 7Page - Texas Instruments TL1454CD Datasheet HTML 8Page - Texas Instruments TL1454CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TL1454, TL1454Y
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS086B – APRIL 1995 – REVISED NOVEMBER 1997
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
functional block diagram
_
+
_
+
OSC
PWM
Comparator 1
Error
Amplifier 1
To Internal
Circuitry
2.5 V
1.25 V
1 V
1 V
SCP
VCC
GND
DTC1 DTC2
14
3
15
7
16
4
5
13
12
6
11
10
21
CT
RT
OUT1
OUT2
8
VCC
UVLO
and
SCP Latch
IN1 +
IN1 –
IN2 +
IN2 –
COMP1
COMP2
REF
1.8 V
1.2 V
SCP
Comparator 1
Voltage
REF
9
VCC
0.65 V
0.65 V
1.25 V
PWM
Comparator 2
Error
Amplifier 2
SCP
Comparator 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com