Electronic Components Datasheet Search
  English  ▼

X  

TL1454CD Datasheet(PDF) 10 Page - Texas Instruments

Part # TL1454CD
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TL1454CD Datasheet HTML 6Page - Texas Instruments TL1454CD Datasheet HTML 7Page - Texas Instruments TL1454CD Datasheet HTML 8Page - Texas Instruments TL1454CD Datasheet HTML 9Page - Texas Instruments TL1454CD Datasheet HTML 10Page - Texas Instruments TL1454CD Datasheet HTML 11Page - Texas Instruments TL1454CD Datasheet HTML 12Page - Texas Instruments TL1454CD Datasheet HTML 13Page - Texas Instruments TL1454CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TL1454, TL1454Y
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS086B – APRIL 1995 – REVISED NOVEMBER 1997
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
fosc = 500 kHz (unless otherwise noted) (continued)
supply current
PARAMETER
TEST CONDITIONS
TL1454
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(stby)
Standby supply current
RT open,
CT = 1.5 V, No load,
VO (COMP1, COMP2) = 1.25 V,
3.1
6
mA
ICC(average)
Average supply current
RT = 10 kΩ,
50% duty cycle,
CT = 120 pF,
Outputs open
3.5
7
mA
electrical characteristics, VCC = 6 V, fosc = 500 kHz, TA = 25°C (unless otherwise noted)
reference
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vref
Output voltage, REF
IO = 1 mA,
1.25
V
Input regulation
VOC = 3.6 V to 20 V,
IO = 1 mA
2
mV
Output regulation
IO = 0.1 mA to 1 mA
1
mV
Output voltage change with temperature
IO = 1 mA
– 1.25
mV
Output voltage change with temperature
IO = 1 mA
–2.5
mV
IOS
Short-circuit output current
Vref = 0 V
30
mA
undervoltage lockout (UVLO)
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT +
Positive-going threshold voltage
2.9
V
VIT –
Negative-going threshold voltage
2.7
V
Vhys
Hysteresis, VIT + – VIT –
200
mV
short-circuit protection (SCP)
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT
Input threshold voltage
1
V
Vstby†
Standby voltage
No pullup
185
mV
VI(latched)
Latched-mode input voltage
No pullup
60
mV
VIT(COMP)
Comparator threshold voltage
COMP1, COMP2
1
V
Input source current
VO(SCP) = 0
–15
µA
† This symbol is not presently listed within EIA / JEDEC standards for semiconductor symbology.
oscillator
PARAMETER
TEST CONDITIONS
TL1454Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fosc
Frequency
CT = 120 pF,
RT = 10 kΩ
500
kHz
Standard deviation of frequency
50
kHz
Frequency change with voltage
VCC = 3.6 V to 20 V
5
kHz
Frequency change with temperature
–2
kHz
Frequency change with temperature
–10
kHz
Maximum ramp voltage
1.8
V
Minimum ramp voltage
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com