Electronic Components Datasheet Search
  English  ▼

X  

TL1454CD Datasheet(PDF) 13 Page - Texas Instruments

Part # TL1454CD
Description  DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM) CONTROL CIRCUIT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1454CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL1454CD Datasheet HTML 9Page - Texas Instruments TL1454CD Datasheet HTML 10Page - Texas Instruments TL1454CD Datasheet HTML 11Page - Texas Instruments TL1454CD Datasheet HTML 12Page - Texas Instruments TL1454CD Datasheet HTML 13Page - Texas Instruments TL1454CD Datasheet HTML 14Page - Texas Instruments TL1454CD Datasheet HTML 15Page - Texas Instruments TL1454CD Datasheet HTML 16Page - Texas Instruments TL1454CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TL1454, TL1454Y
DUAL-CHANNEL PULSE-WIDTH-MODULATION (PWM)
CONTROL CIRCUIT
SLVS086B – APRIL 1995 – REVISED NOVEMBER 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
TYPICAL CHARACTERISTICS
Figure 6
100 k
10 k
1 k
OSCILLATOR FREQUENCY
vs
TIMING RESISTANCE
RT – Timing Resistance – Ω
1 k
10 k
100 k
10 M
1 M
CT = 10 pF
CT = 120 pF
CT = 3900 pF
VCC = 6 V
TA = 25°C
CT = 1000 pF
CT = 300 pF
Figure 7
OSCILLATOR PERIOD
vs
TIMING CAPACITANCE
10 –1
10 0
10 5
CT – Timing Capacitance – pF
10 1
10 0
10 1
VCC = 6 V
RT = 5.1 kΩ
TA = 25°C
10 2
10 2
10 3
10 4
Figure 8
510
500
490
480
520
OSCILLATOR FREQUENCY
vs
FREE-AIR TEMPERATURE
530
– 50
0
50
100
TA – Free-Air Temperature – °C
VCC = 6 V
RT = 10 kΩ
CT = 120 pF
Figure 9
1.5
1
0.5
2
PWM TRIANGLE WAVEFORM AMPLITUDE
vs
TIMING CAPACITANCE
10 0
10 1
10 2
10 3
Timing Capacitance – pF
10 4
VCC = 6 V
RT = 5.1 kΩ
TA = 25°C
VO(min)
VO(max)
1.9
1.8
1.7
1.6
1.4
1.3
1.2
1.1
0.9
0.8
0.7
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com