Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5565
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 12Page - Analog Devices ADL5565 Datasheet HTML 13Page - Analog Devices ADL5565 Datasheet HTML 14Page - Analog Devices ADL5565 Datasheet HTML 15Page - Analog Devices ADL5565 Datasheet HTML 16Page - Analog Devices ADL5565 Datasheet HTML 17Page - Analog Devices ADL5565 Datasheet HTML 18Page - Analog Devices ADL5565 Datasheet HTML 19Page - Analog Devices ADL5565 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ADL5565
Data Sheet
Rev. D | Page 16 of 28
CIRCUIT DESCRIPTION
BASIC STRUCTURE
The ADL5565 is a low noise, fully differential amplifier/ADC
driver that can operate from 2.8 V to 5.2 V. It provides three
gain options, 6 dB, 12 dB, and 15.5 dB, without the need for
external resistors and has wide bandwidths of greater than 6
GHz for all gains. Differential input impedance is 200 Ω for 6
dB, 100 Ω for 12 dB, and 67 Ω for 15.5 dB. It has a differential
output impedance of 10 Ω.
RL
1/2 RS
1/2 RS
AC
100Ω
200Ω
0.1µF
0.1µF
200Ω
100Ω
50Ω
50Ω
VIP2
VIP1
VIN1
VIN2
5Ω
5Ω
Figure 30. Basic Structure
The ADL5565 is composed of a fully differential amplifier with
on-chip feedback and feed forward resistors. The two feedforward
resistors on each input set this pin-strappable amplifier in three
different gain configurations of 6 dB, 12 dB, and 15.5 dB, and by
using two external resistors, any gain from 0 dB to 15.5 dB can be
realized. The amplifier is designed to provide high differential
open-loop gain and an output common-mode circuit that enables
the user to change the common-mode voltage from the VCOM
pin. The amplifier is designed to provide superior low distortion at
frequencies up to and beyond 300 MHz with low noise and low
power consumption from a 3.3 V power supply at 70 mA.
The ADL5565 is very flexible in terms of I/O coupling. It can be
ac-coupled or dc-coupled at the inputs and/or the outputs within
the specified input and output common-mode levels. The input
of the device can be configured as single-ended or differential
with similar third-order distortion performance. Due to the
internal connections between the inputs and outputs, an output
common-mode voltage between 1.4 V and 1.8 V at 3.3 V and
1.4 V to 3 V at 5 V must be maintained for the best distortion.
For a dc-coupled input, the input common mode should be
between 1.2 V and 2 V at the 3.3 V supply, and 1.2 V to 3.8 V at
the 5 V supply. The device has been characterized using 2 V p-p
into a 200 Ω ac-coupled output. If the inputs are ac-coupled, the
input and output common-mode voltages are set by VCC/2 when
no external circuitry is used. The ADL5565 provides an output
common-mode voltage set by VCOM, which allows driving an
ADC directly without external components. Although distortion is
similar over the specified frequency range at both 3.3 V and 5 V,
lower distortion results on the 5 V supply for signal swings larger
than 2 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com