Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5565
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 13Page - Analog Devices ADL5565 Datasheet HTML 14Page - Analog Devices ADL5565 Datasheet HTML 15Page - Analog Devices ADL5565 Datasheet HTML 16Page - Analog Devices ADL5565 Datasheet HTML 17Page - Analog Devices ADL5565 Datasheet HTML 18Page - Analog Devices ADL5565 Datasheet HTML 19Page - Analog Devices ADL5565 Datasheet HTML 20Page - Analog Devices ADL5565 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Data Sheet
ADL5565
Rev. D | Page 17 of 28
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 31 shows the basic connections for operating the
ADL5565. Apply a voltage between 3 V and 5 V to the VCC pins,
and decouple each supply pin with at least one low inductance,
0.1 µF surface-mount ceramic capacitor, placed as close as
possible to the device. Also, decouple the VCOM pin (Pin 9)
using a 0.1 µF capacitor.
The gain of the part is determined by the pin-strappable input
configuration. When Input A is applied to VIP1 and Input B is
applied to VIN1, the gain is 6 dB (minimum gain, see Equation 1
and Equation 2). When Input A is applied to VIP2 and Input B
is applied to VIN2, the gain is 12 dB (middle gain). When Input A
is applied to both VIP1 and VIP2 and Input B is applied to both
VIN1 and VIN2, the gain is 15.5 dB (maximum gain).
Pin 1 to Pin 4, Pin 10, and Pin 11 are biased at 1/2 VCC above
ground and can be dc-coupled (if within the specified input or
output common-mode voltage levels) or ac-coupled as shown in
Figure 31.
To enable the ADL5565, the ENBL pin must be pulled high.
Pulling the ENBL pin low puts the ADL5565 in sleep mode,
reducing the current consumption to 5 mA at ambient.
1
2
3
4
11
12
10
9
5
6
7
8
15
16
14
13
VIP2
VIP1
VIN1
VIN2
VOP
ENBL
VON
VCOM
VCC
VCC
VCC
VCC
AC
VCC
GND
GND
GND
GND
ADL5565
VCC
BALANCED
LOAD
RL
0.1µF
0.1µF
0.1µF
A
B
0.1µF
0.1µF
0.1µF
10µF
0.1µF
RS/2
RS/2
BALANCED
SOURCE
Figure 31. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com