Electronic Components Datasheet Search
  English  ▼

X  

ADL5565 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5565
Description  6 GHz Ultrahigh Dynamic Range Differential Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5565 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5565 Datasheet HTML 19Page - Analog Devices ADL5565 Datasheet HTML 20Page - Analog Devices ADL5565 Datasheet HTML 21Page - Analog Devices ADL5565 Datasheet HTML 22Page - Analog Devices ADL5565 Datasheet HTML 23Page - Analog Devices ADL5565 Datasheet HTML 24Page - Analog Devices ADL5565 Datasheet HTML 25Page - Analog Devices ADL5565 Datasheet HTML 26Page - Analog Devices ADL5565 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Data Sheet
ADL5565
Rev. D | Page 23 of 28
SOLDERING INFORMATION AND RECOMMENDED
PCB LAND PATTERN
Figure 44 show s the recommended land pattern for the ADL5565.
The ADL5565 is contained in a 3 × 3 mm LFCSP package, which
has an exposed ground paddle (EPAD). This paddle is internally
connected to the ground of the chip. To minimize thermal
impedance and ensure electrical performance, solder the paddle
to the low impedance ground plane on the PCB. To further
reduce thermal impedance, it is recommended that the ground
planes on all layers under the paddle be stitched together with vias.
For more information on land pattern design and layout, refer
to the AN-772 Application Note, A Design and Manufacturing
Guide for the Lead Frame Chip Scale Package (LFCSP).
This land pattern, on the ADL5565 evaluation board, provides
a measured thermal resistance (θJA) of 60°C/W. To measure θJA,
the temperature at the top of the LFCSP package is found with
an IR temperature gun. Thermal simulation suggests a junction
temperature 1.5°C higher than the top of package temperature.
With additional ambient temperature and I/O power measure-
ments, θJA could be determined.
36mils
19.7mils
10mils
59mils
Figure 44. Recommended Land Pattern
EVALUATION BOARD
Figure 45 shows the schematic of the ADL5565 evaluation board.
The board is powered by a single supply in the 3 V to 5 V range.
The power supply is decoupled by 10 µF and 0.1 µF capacitors.
Table 16 details the various configuration options of the evaluation
board. Figure 46 and Figure 47 show the component and circuit
side layouts of the evaluation board.
To realize the minimum gain (6 dB into a 200 Ω load), Input 1
(VIN1 and VIP1) must be used by installing 0 Ω resistors at R3
and R4, leaving R5 and R6 open. R1 and R2 must be 33.2 Ω for
a 50 Ω input impedance.
Likewise, driving Input 2 (VIN2 and VIP2) realizes the middle
gain (12 dB into a 200 Ω load) by installing 0 Ω at R5 and R6
and leaving R3 and R4 open. R1 and R2 must be 50 Ω for a
50 Ω input impedance.
For the maximum gain (15.5 dB into a 200 Ω load), both inputs
are driven by installing 0 Ω resistors at R3, R4, R5, and R6. R1
and R2 are open for a 50 Ω input impedance.
The balanced input and output interfaces are converted to
single ended with a pair of baluns (M/A-COM ETC1-1-13).
The balun at the input, T1, provides a 50 Ω single-ended-to-
differential transformation. The output balun, T2, and the
matching components are configured to provide a 200 Ω to 50 Ω
impedance transformation with an insertion loss of about 11 dB.
As an alternative, the input transformer, T1, can be replaced with
one of the following transformers to provide a low loss balanced
input to the ADL5565.
•
6 dB gain configuration, Mini-Circuits TC4-1W+
•
12 dB gain configuration, Mini-Circuits, TC2-1T+
•
15.5 dB gain configuration, Mini-Circuits TC1.5-52T
When using these alternative transformers, R1 and R2 are left
open. Replace C1 and C2 with 0 Ω jumpers and add a 0.1 µF
capacitor to C12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com