Electronic Components Datasheet Search
  English  ▼

X  

TSV992 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TSV992
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TSV992 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 12Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 13Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Electrical characteristics
TSV99x, TSV99xA
10/25
Doc ID 12833 Rev 9
Figure 7.
Voltage gain and phase vs
frequency at VCC = 5 V and
Vicm = 0.5 V
Figure 8.
Voltage gain and phase vs
frequency at VCC = 5 V and
Vicm = 2.5 V
Figure 9.
Positive slew rate
Figure 10.
Negative slew rate
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
Vin : from 0.5V to Vcc-0.5V
SR : calculated from 10% to 90%
Figure 11.
Distortion + noise vs. frequency
Figure 12.
Distortion + noise vs. output
voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com