Electronic Components Datasheet Search
  English  ▼

X  

TSV992 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # TSV992
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button TSV992 Datasheet HTML 16Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 17Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 18Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 19Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 20Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 21Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 22Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 23Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package information
TSV99x, TSV99xA
20/25
Doc ID 12833 Rev 9
4.5
TSSOP14 package information
Figure 22.
TSSOP14 package mechanical drawing
Table 10.
TSSOP14 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.20
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.176
e
0.65
0.0256
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
k0°
8°
0°
8°
aaa
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com