Electronic Components Datasheet Search
  English  ▼

X  

TSV992 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TSV992
Description  Rail-to-rail input/output 20 MHz GBP operational amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSV992 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TSV992 Datasheet HTML 2Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 3Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 4Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSV992 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
TSV99x, TSV99xA
6/25
Doc ID 12833 Rev 9
en
Equivalent input noise
voltage
f = 10 kHz, Top = 25° C
21
THD+N Total harmonic distortion
G = -3, f = 1 kHz, RL = 2 kΩ, Bw = 22 kHz,
Vicm = VCC/2, Vout = 2 Vpp, Top = 25° C
0.0025
%
1.
All parameter limits at temperatures other than 25° C are guaranteed by correlation.
2.
Guaranteed by design.
Table 4.
Electrical characteristics at VCC+ = +3.3 V, VCC- = 0 V, Vicm = VCC/2, with RL connected
to VCC/2, full temperature range (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage TSV99x
Top = 25° C
0.1
4.5
mV
Tmin < Top < Tmax
7.5
Offset voltage TSV99xA
Top = 25° C
1.5
Tmin < Top < Tmax
3
ΔV
io/ΔT
Input offset voltage drift
-
2
-
µV/°C
Iio
Input offset current(2)
(Vout = VCC/2)
Top = 25° C
1
10
pA
Tmin < Top < Tmax
100
Iib
Input bias current(2)
(Vout = VCC/2)
Top = 25° C
1
10
Tmin < Top < Tmax
100
CMR
Common mode rejection
ratio 20 log (
ΔV
ic/ΔVio)
0 V to 3.3 V, Vout = 1.65 V, Top = 25° C
60
78
dB
Tmin < Top < Tmax
55
Avd
Large signal voltage gain
RL = 10 kΩ, Vout = 0.5 V to 2.8 V, T=25° C
80
90
Tmin < Top < Tmax
75
VCC-
VOH
High level output voltage
RL = 10 kΩ, Tmin < Top < Tmax
15
40
mV
RL = 600 Ω, Tmin < Top < Tmax
45
150
VOL
Low level output voltage
RL = 10 kΩ, Tmin < Top < Tmax
RL = 600 Ω, Tmin < Top < Tmax
-
15
45
40
150
Iout
Isink
Vo = 3.3 V, Top = 25° C
18
32
mA
Tmin < Top < Tmax
16
Isource
Vo = 0 V, Top = 25° C
18
35
Tmin < Top < Tmax
16
ICC
Supply current (per operator) No load, Vout = VCC/2, Tmin < Top < Tmax
0.8
1.1
Table 3.
Electrical characteristics at VCC+ = +2.5 V, VCC- = 0 V, Vicm = VCC/2, with RL connected
to VCC/2, full temperature range (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com