Electronic Components Datasheet Search
  English  ▼

X  

CPC1907B Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1907B
Description  Single-Pole, Normally Open Power SOIC OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1907B Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1907B Datasheet HTML 1Page - IXYS Corporation CPC1907B Datasheet HTML 2Page - IXYS Corporation CPC1907B Datasheet HTML 3Page - IXYS Corporation CPC1907B Datasheet HTML 4Page - IXYS Corporation CPC1907B Datasheet HTML 5Page - IXYS Corporation CPC1907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R02
CPC1907B
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to the
device. Functional operation of the device at conditions beyond
those indicated in the operational sections of this data sheet is
not implied.
Absolute Maximum Ratings @ 25ºC (Unless Otherwise Noted)
Parameter
Ratings
Units
Blocking Voltage
60
V
Reverse Input Voltage
5
V
Input control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
2400
mW
Isolation Voltage, Input to Output
(60 Seconds Maximum)
5000
V
rms
ESD, Human Body Model
8
kV
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 3.33mW / ºC
2 Derate linearly 20mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Load Current, Continuous
free air
I
L
--
6
±A
DC, Arms
Peak Load Current
t = 10ms
I
LPK
-
-
20
±A
P
On-Resistance1
I
L=1A
R
ON
-
-
0.06
Off-State Leakage Current
V
L=60VP
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, IL=100mA
t
on
-
2.7
5
ms
Turn-Off
t
off
-
0.14
1
Output Capacitance
V
L=50V, f=1MHz
C
OUT
-
340
-
pF
Input Characteristics
LED Current to Activate 2
I
L=1A
I
F
-
1.5
5
mA
LED Current to Deactivate
-
I
F
0.6
-
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input/Output Characteristics
Capacitance, Input/Output
f=1MHz
I
I/O
-2
-
pF
1
Measurement taken within 1 second of on-time.
2
For high temperature operation (T
A>60ºC), a LED current of 10mA is recommended.
Electrical Characteristics @ 25ºC (Unless Otherwise Noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com