Electronic Components Datasheet Search
  English  ▼

X  

CPC1907B Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1907B
Description  Single-Pole, Normally Open Power SOIC OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1907B Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1907B Datasheet HTML 1Page - IXYS Corporation CPC1907B Datasheet HTML 2Page - IXYS Corporation CPC1907B Datasheet HTML 3Page - IXYS Corporation CPC1907B Datasheet HTML 4Page - IXYS Corporation CPC1907B Datasheet HTML 5Page - IXYS Corporation CPC1907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1907B
www.ixysic.com
3
R02
PERFORMANCE DATA @25ºC (Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.235 1.240 1.245 1.250 1.255 1.260 1.265
0
5
10
15
20
25
30
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
2.10
2.40
2.70
3.00
3.30
3.60
3.90
0
5
10
15
20
25
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA)
Turn-Off Time (ms)
0.105 0.115 0.125 0.135 0.145 0.155 0.165
0
5
10
15
20
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA)
LED Forward Current (mA)
1.30
1.45
1.60
1.75
1.90
2.05
2.20
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, I
L=100mA)
On-Resistance (m )
54.5
55.0
55.5
56.0
56.5
57.0
57.5
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=1A)
Blocking Voltage (V
P)
81.75
82.50
83.25
84.00
84.75
85.50
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0
1
2
3
4
5
6
7
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
130
135
140
145
150
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.2
1.4
1.6
1.8
2.0
2.2
Typical I
F for Switch Operation
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On Time
vs. Temperature
(I
L=100mA)
I
F=5mA
I
F=10mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
110
120
130
140
150
160
170
Typical Turn-Off Time
vs. Temperature
(I
L=100mA)
I
F=10mA
I
F=5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com