Electronic Components Datasheet Search
  English  ▼

X  

CPC1907B Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1907B
Description  Single-Pole, Normally Open Power SOIC OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1907B Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1907B Datasheet HTML 1Page - IXYS Corporation CPC1907B Datasheet HTML 2Page - IXYS Corporation CPC1907B Datasheet HTML 3Page - IXYS Corporation CPC1907B Datasheet HTML 4Page - IXYS Corporation CPC1907B Datasheet HTML 5Page - IXYS Corporation CPC1907B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1907B-R02
1
CPC1907B
Single-Pole, Normally Open
Power SOIC OptoMOS® Relay
e3
Pb
Part #
Description
CPC1907B
8-Pin Power SOIC Package (25 per tube)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
±6
A
DC
On-Resistance
0.06
Applications
Features
Description
Ordering Information
Pin Configuration
• Industrial Controls
• Security: Door Latches, Solenoids, Annunciators
• Motor Control
• Heating, Ventilation, and Air Conditioning Control
(HVAC)
• Robotics
• Starter Ignition Circuits
• Medical Equipment—Patient/Equipment Isolation
• Instrumentation
• Multiplexers
• Electronic Switching
• I/O Subsystems
• Home Appliances
• DC Power Supplies
• Aerospace
• Handle Load Currents Up to ±6A
DC or 6Arms
• 5000V
rms Input/Output Isolation
• Power SOIC Package
• 12.5mm External Creepage Distance
with Appropriate Layout
• High Reliability
• No Moving Parts
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
The CPC1907B is a single-pole, normally open
(1-Form-A) solid state relay that employs optically
coupled MOSFET technology to provide 5000V
rms of
input to output isolation.
Switching of the efficient MOSFET switches is
controlled by the photovoltaic die using the patented
OptoMOS architecture while activation of the output
is controlled by a highly efficient GaAlAs infrared
LED. The combination of low on-resistance and high
load current handling capabilities makes the relay
suitable for a variety of high-performance switching
applications.
Switching Characteristics
of Normally Open Devices
Approvals
• UL 508 Certified Component: File E69938
• CSA Industrial Control Switches Approval: Pending
– LED
+ LED
N/C
N/C
12
3
4
5
6
7
8
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off


Similar Part No. - CPC1907B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1907B LITTELFUSE-CPC1907B Datasheet
182Kb / 6P
Single-Pole, Normally Open Power SOIC OptoMOS® Relay
11/18/2025
More results

Similar Description - CPC1907B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com