Electronic Components Datasheet Search
  English  ▼

X  

TPS64202DBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64202DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64202DBVT Datasheet(HTML) 4 Page - Texas Instruments

  TPS64202DBVT Datasheet HTML 1Page - Texas Instruments TPS64202DBVT Datasheet HTML 2Page - Texas Instruments TPS64202DBVT Datasheet HTML 3Page - Texas Instruments TPS64202DBVT Datasheet HTML 4Page - Texas Instruments TPS64202DBVT Datasheet HTML 5Page - Texas Instruments TPS64202DBVT Datasheet HTML 6Page - Texas Instruments TPS64202DBVT Datasheet HTML 7Page - Texas Instruments TPS64202DBVT Datasheet HTML 8Page - Texas Instruments TPS64202DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
4
PIN ASSIGNMENTS
1
DBV PACKAGE
(TOP VIEW)
EN
FB
VIN
3
5
GND
SW
ISENSE
2
6
4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EN
1
I
Enable. A logic low enables the converter, logic high forces the device into shutdown mode reducing the supply current
to less than 1
µA.
FB
3
I
Feedback pin. Connect an external voltage divider to this pin to set the output voltage.
GND
2
I
Ground
SW
6
O
This pin connects to the gate of an external P-channel MOSFET.
ISENSE
4
I
Current sense input. Connect the current sense resistor between VIN and ISENSE. (optional)
VIN
5
I
Supply voltage input
FUNCTIONAL BLOCK DIAGRAM
_
+
Minimum ton
Timer
(0.2
µs, 0.4 µs,
0.8
µs, 1.6 µs)
Minimum toff
Timer
(0.6
µs, 0.3 µs,)
ton Regulation
Timer
(3
µs, 15 µs, 16 µs)
Logic
_
+
M
U
X
ton
Regulator
R
S
Q
Driver
Overcurrent
Comparator
Regulation
Comparator
Vref
Softstart
105 mV
GND
VIN
EN
SW
ISense
FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com