Electronic Components Datasheet Search
  English  ▼

X  

TPS64202DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64202DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64202DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS64202DBVT Datasheet HTML 1Page - Texas Instruments TPS64202DBVT Datasheet HTML 2Page - Texas Instruments TPS64202DBVT Datasheet HTML 3Page - Texas Instruments TPS64202DBVT Datasheet HTML 4Page - Texas Instruments TPS64202DBVT Datasheet HTML 5Page - Texas Instruments TPS64202DBVT Datasheet HTML 6Page - Texas Instruments TPS64202DBVT Datasheet HTML 7Page - Texas Instruments TPS64202DBVT Datasheet HTML 8Page - Texas Instruments TPS64202DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
SOT23 STEPDOWN CONTROLLER
FEATURES
D Step-Down Controller for Applications With
up to 95% Efficiency
D 1.8-V to 6.5-V Operating Input Voltage Range
D Adjustable Output Voltage Range From 1.2 V
to VI
D High Efficiency Over a Wide Load Current
Range
D 100% Maximum Duty Cycle for Lowest
Dropout
D Internal Softstart
D 20-µA Quiescent Current (Typical)
D Overcurrent Protected
D Available in a SOT23 Package
APPLICATIONS
D USB Powered Peripherals
D Organizers, PDAs, and Handheld PCs
D Low Power DSP Supply
D Digital Cameras
D Hard Disk Drives
D Portable Audio Players
DESCRIPTION
The
TPS6420x
are
nonsynchronous
step-down
controllers that are ideally suited for systems powered
from a 5-V or 3.3-V bus or for applications powered from
a 1-cell Li-Ion battery or from a 2- to 4-cell NiCd, NiMH, or
alkaline battery. These step-down controllers drive an
external P-channel MOSFET allowing design flexibility. To
achieve highest efficiency over a wide load current range,
this controller uses a minimum on time, minimum off time
control scheme and consumes only 20-
µA quiescent
current. The minimum on time of typically 600 ns
(TPS64203) allows the use of small inductors and
capacitors. When disabled, the current consumption is
reduced to less than 1
µA. The TPS6420x is available in
the 6-pin SOT23 (DBV) package and operates over a free
air temperature range of −40
°C to 85°C.
TYPICAL APPLICATION CIRCUIT
5
TPS64200
Si5447DC
ZHCS2000
EN
GND
FB
SW
VIN
ISENSE
Rs = 33 mΩ
10
µH
3.3 V / 2 A
47
µF
PosCap
6TPA47M
R1
620 k
Ω
R2
360 k
Ω
10
µF
5 V
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
TA = 25°C,
VO = 3.3 V
TPS64200
EFFICIENCY
vs
LOAD CURRENT
IO − Load Current − A
VI = 4.2 V
1
2
3
6
4
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated


Similar Part No. - TPS64202DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS64202DBVT TI2-TPS64202DBVT Datasheet
1Mb / 30P
S0T23 STEP-DOWN CONTROLLER
AUGUST 2003
TPS64202DBVT.B TI2-TPS64202DBVT.B Datasheet
1Mb / 30P
S0T23 STEP-DOWN CONTROLLER
AUGUST 2003
More results

Similar Description - TPS64202DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS64200 TI-TPS64200 Datasheet
279Kb / 24P
SOT23 STEP DOWN CONTROLLER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
Step-down Switching Controller
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS64200 TI-TPS64200_15 Datasheet
867Kb / 29P
SOT23 STEP-COWN CONTROLLER
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
Synchronous Step-down PWM Controller
June 4, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com