Electronic Components Datasheet Search
  English  ▼

X  

TPS64202DBVT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS64202DBVT
Description  SOT23 STEP-DOWN CONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS64202DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS64202DBVT Datasheet HTML 16Page - Texas Instruments TPS64202DBVT Datasheet HTML 17Page - Texas Instruments TPS64202DBVT Datasheet HTML 18Page - Texas Instruments TPS64202DBVT Datasheet HTML 19Page - Texas Instruments TPS64202DBVT Datasheet HTML 20Page - Texas Instruments TPS64202DBVT Datasheet HTML 21Page - Texas Instruments TPS64202DBVT Datasheet HTML 22Page - Texas Instruments TPS64202DBVT Datasheet HTML 23Page - Texas Instruments TPS64202DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
TPS64200,TPS64201
TPS64202,TPS64203
SLVS485 − AUGUST 2003
www.ti.com
20
The TPS6420x can be used for an inverter. Only one additional operational amplifier is required for this
application. When the PMOS is switched on, the current in the inductor ramps up to its maximum, set by Rs.
Then the PMOS is switched off, the energy stored in the inductor is transferred to the output. The output voltage
and the maximum output current can be calculated using:
V
O +
R1
R2
V
FB
I
O
max
[ 0.8
V
I
–V
O
V
(ISENSE)
2R
(ISENSE)
(27)
OLED Power Supply
The TPS6420x can be combined with a TPS61045 boost converter for a OLED power supply.
SW
MBR0530T1
Si2301DS
EN
GND
FB
VIN
ISENSE
VI
1.8 V to 5.5 V
10
µF
TPS64200
R(ISENSE) = 150 mΩ
47
µF
X7R
−7 V / 50 mA
CDRH4D28-100
750 k
Ω
R1
_
+
VI
130 k
Ω
R2
SW
OPA363
SW
L
VIN
GND
DO
FB
CTRL
PGND
4.7
µH
56 k
Ω
12 k
Ω
22 pF
4.7
µF
TPS61045
7 V / 50 mA
1
µF
X7R
1
2
3
6
5
4
1
2
5
8
3
4
67
10
µH
Figure 24. Application For a OLED Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com