Electronic Components Datasheet Search
  English  ▼

X  

LPC2142 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2142
Description  Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2142 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2142 Datasheet HTML 1Page - NXP Semiconductors LPC2142 Datasheet HTML 2Page - NXP Semiconductors LPC2142 Datasheet HTML 3Page - NXP Semiconductors LPC2142 Datasheet HTML 4Page - NXP Semiconductors LPC2142 Datasheet HTML 5Page - NXP Semiconductors LPC2142 Datasheet HTML 6Page - NXP Semiconductors LPC2142 Datasheet HTML 7Page - NXP Semiconductors LPC2142 Datasheet HTML 8Page - NXP Semiconductors LPC2142 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
LPC2141_42_44_46_48
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 12 August 2011
2 of 45
NXP Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
Multiple serial interfaces including two UARTs (16C550), two Fast I2C-bus (400 kbit/s),
SPI and SSP with buffering and variable data length capabilities.
Vectored Interrupt Controller (VIC) with configurable priorities and vector addresses.
Up to 45 of 5 V tolerant fast general purpose I/O pins in a tiny LQFP64 package.
Up to 21 external interrupt pins available.
60 MHz maximum CPU clock available from programmable on-chip PLL with settling
time of 100
s.
On-chip integrated oscillator operates with an external crystal from 1 MHz to 25 MHz.
Power saving modes include Idle and Power-down.
Individual enable/disable of peripheral functions as well as peripheral clock scaling for
additional power optimization.
Processor wake-up from Power-down mode via external interrupt or BOD.
Single power supply chip with POR and BOD circuits:
CPU operating voltage range of 3.0 V to 3.6 V (3.3 V
 10 %) with 5 V tolerant I/O
pads.
3.
Ordering information
3.1 Ordering options
[1]
While the USB DMA is the primary user of the additional 8 kB RAM, this RAM is also accessible at any time by the CPU as a general
purpose RAM for data and code storage.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC2141FBD64
LQFP64
plastic low profile quad flat package; 64 leads;
body 10
 10  1.4 mm
SOT314-2
LPC2142FBD64
LPC2144FBD64
LPC2146FBD64
LPC2148FBD64
Table 2.
Ordering options
Type number
Flash
memory
RAM
Endpoint
USB RAM
ADC (channels
overall)
DAC
Temperature
range
LPC2141FBD64
32 kB
8 kB
2 kB
1 (6 channels)
-
40 C to +85 C
LPC2142FBD64
64 kB
16 kB
2 kB
1 (6 channels)
1
40 C to +85 C
LPC2144FBD64
128 kB
16 kB
2 kB
2 (14 channels)
1
40 C to +85 C
LPC2146FBD64
256 kB
32 kB + 8 kB shared with
USB DMA[1]
2 kB
2 (14 channels)
1
40 C to +85 C
LPC2148FBD64
512 kB
32 kB + 8 kB shared with
USB DMA[1]
2 kB
2 (14 channels)
1
40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com