Electronic Components Datasheet Search
  English  ▼

X  

INA117AM4 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA117AM4
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM4 Datasheet(HTML) 2 Page - Texas Instruments

  INA117AM4 Datasheet HTML 1Page - Texas Instruments INA117AM4 Datasheet HTML 2Page - Texas Instruments INA117AM4 Datasheet HTML 3Page - Texas Instruments INA117AM4 Datasheet HTML 4Page - Texas Instruments INA117AM4 Datasheet HTML 5Page - Texas Instruments INA117AM4 Datasheet HTML 6Page - Texas Instruments INA117AM4 Datasheet HTML 7Page - Texas Instruments INA117AM4 Datasheet HTML 8Page - Texas Instruments INA117AM4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
INA117
SBOS154A
2
SPECIFICATIONS
At TA = +25°C, VS = ±15V, unless otherwise noted.
INA117AM, SM
INA117BM
INA117P, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
GAIN
Initial (1)
1
✻✻
V/V
Error
0.01
0.05
✻
0.02
✻✻
%
vs Temperature
2
10
✻✻
ppm/
°C
Nonlinearity (2)
0.0002
0.001
✻✻
✻
✻
%
OUTPUT
Rated Voltage
IO = +20mA, –5mA
10
12
✻✻
✻✻
V
Rated Current
VO = 10V
+20, –5
✻✻
mA
Impedance
0.01
✻✻
Ω
Current Limit
To Common
+49, –13
✻✻
mA
Capacitive Load
Stable Operation
1000
✻✻
pF
INPUT
Impedance
Differential
800
✻✻
k
Ω
Common-Mode
400
✻✻
k
Ω
Voltage Range
Differential
±10
✻✻
V
Common-Mode, Continuous
±200
✻✻
V
Common-Mode Rejection (3)
DC
70
80
86
94
✻✻
dB
AC, 60Hz
VCM = 400Vp-p
66
80
66
94
✻✻
dB
vs Temperature, DC
TA = TMIN to TMAX
AM, BM, P, KU
66
75
80
90
✻
dB
SM
60
75
dB
OFFSET VOLTAGE
RTO (4)
Initial
120
1000
✻
1000
✻✻
µV
KU Grade (SO-8 Package)
600
2000
µV
vs Temperature
TA = TMIN to TMAX
8.5
40
✻
40
✻
µV/°C
vs Supply
VS = ±5V to ±18V
74
90
80
✻
✻✻✻
dB
vs Time
200
✻✻
µV/mo
OUTPUT NOISE VOLTAGE
RTO (5)
fB = 0.01Hz to 10Hz
25
✻✻
µVp-p
fB = 10kHz
550
✻✻
nV/
√Hz
DYNAMIC RESPONSE
Gain Bandwidth, –3dB
200
✻✻
kHz
Full Power Bandwidth
VO = 20Vp-p
30
✻✻
kHz
Slew Rate
2
2.6
✻✻
✻✻
V/
µs
Settling Time: 0.1%
VO = 10V Step
6.5
✻✻
µs
0.01%
VO = 10V Step
10
✻✻
µs
0.01%
VCM = 10V Step, VDIFF = 0V
4.5
✻✻
µs
POWER SUPPLY
Rated
±15
✻✻
V
Voltage Range
Derated Performance
±5
±18
✻✻
✻
✻
V
Quiescent Current
VO = 0V
1.5
2
✻✻
✻
✻
mA
TEMPERATURE RANGE
Specification: AM, BM, P, KU
–25
+85
✻✻
–40
+85
°C
SM
–55
+125
°C
Operation
–55
+125
✻✻
–40
+85
°C
Storage
–65
+150
✻✻
–55
+125
°C
✻Specification same as for INA117AM.
NOTES: (1) Connected as difference amplifier (see Figure 1). (2) Nonlinearity is the maximum peak deviation from the best-fit straight line as a percent of full-scale
peak-to-peak output. (3) With zero source impedance (see discussion of common-mode rejection in Application Information section). (4) Includes effects of amplifier’s
input bias and offset currents. (5) Includes effects of amplifier’s input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com