Electronic Components Datasheet Search
  English  ▼

X  

INA117AM4 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA117AM4
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA117AM4 Datasheet HTML 2Page - Texas Instruments INA117AM4 Datasheet HTML 3Page - Texas Instruments INA117AM4 Datasheet HTML 4Page - Texas Instruments INA117AM4 Datasheet HTML 5Page - Texas Instruments INA117AM4 Datasheet HTML 6Page - Texas Instruments INA117AM4 Datasheet HTML 7Page - Texas Instruments INA117AM4 Datasheet HTML 8Page - Texas Instruments INA117AM4 Datasheet HTML 9Page - Texas Instruments INA117AM4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
INA117
SBOS154A
6
APPLICATION INFORMATION
Figure 1 shows the basic connections required for operation.
Applications with noisy or high-impedance power-supply lines
may require decoupling capacitors close to the device pins.
The output voltage is equal to the differential input volt-
age between pins 2 and 3. The common mode input
voltage is rejected.
Internal circuitry connected to the compensation pin 8 can-
cels the parasitic distributed capacitance between the feed-
back resistor, R2, and the IC substrate. For specified dy-
namic performance, pin 8 should be grounded or connected
through a 0.1
µF capacitor to an AC ground such as V+.
COMMON-MODE REJECTION
Common-mode rejection (CMR) of the INA117 is depend-
ent on the input resistor network, which is laser-trimmed for
accurate ratio matching. To maintain high CMR, it is impor-
tant to have low source impedances driving the two inputs.
A 75
Ω resistance in series with pin 2 or 3 will decrease CMR
from 86dB to 72dB.
Resistance in series with the reference pins will also degrade
CMR. A 4
Ω resistance in series with pin 1 or 5 will decrease
CMRR from 86dB to 72dB.
Most applications do not require trimming. Figures 2 and 3
show optional circuits that may be used for trimming offset
voltage and common-mode rejection.
TRANSFER FUNCTION
Most applications use the INA117 as a simple unity-gain
difference amplifier. The transfer function is:
VO = V3 – V2
V3 and V2 are the voltages at pins 3 and 2.
FIGURE 1. Basic Power and Signal Connections.
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
47
2
3
81
5
–15V
+15V
1µF
Tantalum
1µF
Tantalum
–In = V
2
+In = V
3
V
O = V3 – V2
6
R
1
R
2
R
4
R
5
R
3
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
47
2
3
81
5
V–
V+
V
2
V
3
V
O = V3 – V2
6
100k
Ω
10
Ω
50k
Ω
±1.5mV
Range
–15V
+15V
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
47
2
3
81
5
V–
V+
V
2
V
3
V = V – V
O
3
2
6
10k
Ω
±10mV
100
Ω
100
Ω
V+
V–
100µA
1/2 REF200
100µA
1/2 REF200
OPA27
Offset adjustment is regulated—
insensitive to power supply variations.
(a)
(b)
FIGURE 2. Offset Voltage Trim Circuits.
Some applications, however, apply voltages to the reference
terminals (pins 1 and 5). A more complete transfer function
is:
VO = V3 – V2 + 19 • V5 – 18 • V1
V5 and V1 are the voltages at pins 5 and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com