Electronic Components Datasheet Search
  English  ▼

X  

INA117AM4 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA117AM4
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA117AM4 Datasheet HTML 5Page - Texas Instruments INA117AM4 Datasheet HTML 6Page - Texas Instruments INA117AM4 Datasheet HTML 7Page - Texas Instruments INA117AM4 Datasheet HTML 8Page - Texas Instruments INA117AM4 Datasheet HTML 9Page - Texas Instruments INA117AM4 Datasheet HTML 10Page - Texas Instruments INA117AM4 Datasheet HTML 11Page - Texas Instruments INA117AM4 Datasheet HTML 12Page - Texas Instruments INA117AM4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
INA117
SBOS154A
9
In all cases, the sense resistor imbalances the input resistor
matching of the INA117, degrading its CMR. Also, the input
impedance of the INA117 loads RS, causing gain error in the
voltage-to-current conversion. Both of these errors can be
easily corrected.
The CMR error can be corrected with the addition of a
compensation resistor, RC, equal in value to RS as shown in
Figures 4, 5, and 6. If RS is less than 20Ω, the degradation
in CMR is negligible and RC can be omitted. If RS is larger
than approximately 2k
Ω, trimming R
C may be required to
achieve greater than 86dB CMR. This is because the actual
INA117 input impedances have 1% typical mismatch.
If RS is more than approximately 100Ω, the gain error will
be greater than the 0.02% specification of the INA117. This
gain error can be corrected by slightly increasing the value
of RS. The corrected value, RS', can be calculated by:
R
Rk
kR
S
S
S
'
–
=
•Ω
Ω
380
380
Example: For a 1V/mA transfer function, the nominal,
uncorrected value for RS would be 1kΩ. A slightly larger
value, RS' = 1002.6Ω, compensates for the gain error due to
loading.
The 380k
Ω term in the equation for R
S' has a tolerance of
±25%, so sense resistors above approximately 400Ω may
require trimming to achieve gain accuracy better than 0.02%.
Of course, if a buffer amplifier is added as shown in Figure
7, both inputs see a low source impedance, and the sense
resistor is not loaded. As a result, there is no gain error or
CMR degradation. The buffer amplifier can operate as a
unity gain buffer or as an amplifier with non-inverting gain.
Gain added ahead of the INA117 improves both CMR and
signal-to-noise. Added gain also allows a lower voltage drop
across the sense resistor. The OPA1013 is a good choice for
the buffer amplifier since both its input and output can swing
close to its negative power supply.
FIGURE 7. Current Sensing with Input Buffer.
VX
V1
–21V to +10V
+15V
–5V to –36V
Ground
–20V to –51V
–15V
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
47
2
3
81
5
V
O = I • RS • (1 +
)
6
I
–15V
+15V
R
2
R
1
R
2*
1/2
OPA1013
V
1
R *
1
R
S
–V
X
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
47
2
3
81
5
V
O = I • RS
6
I
V–
V+
1/2
OPA1013
R
S
0.1µF
IN4702
MPS-A42
180k
Ω
0.01µF
V
Z
or
–V
X
–V
X
Op amp power can be derived with voltage-
dropping zener diode if –V
X power is relatively
constant.
|V
X| = (5V to 36V) + VZ
e.g., If V
Z is 50V then VX = –55V to –86V.
Regulated power for op amp allows –V
X
power to vary over wide range.
V
X = –30V to –200V
*Or connect as buffer (R
2 = 0, omit R1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com