Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1613
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 1 Page - Linear Technology

  LT1613 Datasheet HTML 1Page - Linear Technology LT1613 Datasheet HTML 2Page - Linear Technology LT1613 Datasheet HTML 3Page - Linear Technology LT1613 Datasheet HTML 4Page - Linear Technology LT1613 Datasheet HTML 5Page - Linear Technology LT1613 Datasheet HTML 6Page - Linear Technology LT1613 Datasheet HTML 7Page - Linear Technology LT1613 Datasheet HTML 8Page - Linear Technology LT1613 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3580
1
3580fg
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Boost/Inverting DC/DC
Converter with 2A Switch,
Soft-Start, and Synchronization
The LT®3580 is a PWM DC/DC converter containing an
internal 2A, 42V switch. The LT3580 can be configured
as either a boost, SEPIC or inverting converter. Capable
of generating 12V at 550mA or –12V at 350mA from a
5V input, the LT3580 is ideal for many local power supply
designs.
The LT3580 has an adjustable oscillator, set by a resistor
from the RT pin to ground. Additionally, the LT3580 can
be synchronized to an external clock. The free running or
synchronized switching frequency range of the part can
be set between 200kHz and 2.5MHz.
The LT3580 also features innovative SHDN pin circuitry
that allows for slowly varying input signals and an adjust-
able undervoltage lockout function.
Additional features such as frequency foldback and
soft-start are integrated. The LT3580 is available in tiny
3mm
× 3mm 8-lead DFN and 8-lead MSOP packages.
1.2MHz, 5V to 12V Boost Converter Achieves Over 88% Efficiency
n 2A Internal Power Switch
n Adjustable Switching Frequency
n Single Feedback Resistor Sets VOUT
n Synchronizable to External Clock
n High Gain SHDN Pin Accepts Slowly Varying
Input Signals
n Wide Input Voltage Range: 2.5V to 32V
n Low VCESAT Switch: 300mV at 1.5A (Typical)
n Integrated Soft-Start Function
n Easily Configurable as a Boost or Inverting Converter
n User Configurable Undervoltage Lockout (UVLO)
n Tiny 8-Lead 3mm
× 3mm DFN and 8-Lead MSOP
Packages
n VFD Bias Supplies
n TFT-LCD Bias Supplies
n GPS Receivers
n DSL Modems
n Local Power Supply
Efficiency and Power Loss
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. ThinSOT is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
10μF
VOUT
12V
550mA
4.2μH
130k
VIN
5V
VIN
SW
3580 TA01
LT3580
75k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
1nF
0.1μF
2.2μF
LOAD CURRENT (mA)
0
50
55
65
70
75
400
95
3580 TA01b
60
200
100
500
300
600
80
85
90
0
200
600
1200
400
800
1000


Similar Part No. - LT1613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1613 LINER-LT1613 Datasheet
257Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
LT1613 LINER-LT1613 Datasheet
300Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
LT1613CS5 LINER-LT1613CS5 Datasheet
257Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
LT1613 LINER-LT1613_15 Datasheet
300Kb / 12P
1.4MHz, Single Cell DC/DC Converter in 5-Lead SOT-23
More results

Similar Description - LT1613

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com