Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 28 Page - Linear Technology

Part # LT1613
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 28 Page - Linear Technology

Back Button LT1613 Datasheet HTML 20Page - Linear Technology LT1613 Datasheet HTML 21Page - Linear Technology LT1613 Datasheet HTML 22Page - Linear Technology LT1613 Datasheet HTML 23Page - Linear Technology LT1613 Datasheet HTML 24Page - Linear Technology LT1613 Datasheet HTML 25Page - Linear Technology LT1613 Datasheet HTML 26Page - Linear Technology LT1613 Datasheet HTML 27Page - Linear Technology LT1613 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LT3580
28
3580fg
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0910 REV G • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1310
2A (ISW), 40V, 1.2MHz High Efficiency Step-Up DC/DC Converter VIN: 2.3V to 16V, VOUT(MAX) = 40V, IQ = 3mA, ISD < 1μA, ThinSOT™
Package
LT1613
550mA (ISW), 1.4MHz High Efficiency Step-Up DC/DC Converter VIN: 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA, ISD < 1μA,
ThinSOT Package
LT1618
1.5A (ISW), 1.25MHz High Efficiency Step-Up DC/DC Converter
VIN: 1.6V to 18V, VOUT(MAX) = 35V, IQ = 1.8mA, ISD < 1μA,
MS10 Package
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz High Efficiency Step-Up DC/DC
Converter
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD < 1μA,
ThinSOT Package
LT1931/LT1931A
1A (ISW), 1.2MHz/2.2MHz High Efficiency Inverting DC/DC
Converter
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD < 1μA,
ThinSOT Package
LT1935
2A (ISW), 40V, 1.2MHz High Efficiency Step-Up DC/DC Converter VIN: 2.3V to 16V, VOUT(MAX) = 40V, IQ = 3mA, ISD < 1μA,
ThinSOT Package
LT1944/LT1944-1
(Dual)
Dual Output 350mA (ISW), Constant Off-Time, High Efficiency
Step-Up DC/DC Converter
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20μA, ISD < 1μA,
MS10 Package
LT1945 (Dual)
Dual Output Pos/Neg 350mA (ISW), Constant Off-Time,
High Efficiency Step-Up DC/DC Converter
VIN: 1.2V to 15V, VOUT(MAX) = ±34V, IQ = 20μA, ISD < 1μA,
MS10 Package
LT1946/LT1946A
1.5A (ISW), 1.2MHz/2.7MHz High Efficiency Step-Up DC/DC
Converter
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 3.2mA, ISD < 1μA,
MS8E Package
LT1961
1.5A (ISW), 1.25MHz High Efficiency Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 35V, IQ = 0.9mA, ISD < 6μA,
MS8E Package
LT3436
3A (ISW), 800kHz, 34V Step-Up DC/DC Converter
VIN: 3V to 25V, VOUT(MAX) = 34V, IQ = 0.9mA, ISD < 6μA,
TSSOP16E Package
LT3467
1.1A (ISW), 1.3MHz High Efficiency Step-Up DC/DC Converter
VIN: 2.6V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD < 1μA,
ThinSOT, 2mm
× 3mm DFN Packages
LT3477
42V, 3A, 3.5MHz Boost, Buck-Boost, Buck LED Driver
VIN: 2.5V to 25V, VOUT(MAX) = 40V, Analog/PWM, ISD < 1μA,
QFN, TSSOP20E Packages
LT3479
3A Full-Featured DC/DC Converter with Soft-Start and Inrush
Current Protection
VIN: 2.5V to 24V, VOUT(MAX) = 40V, Analog/PWM, ISD < 1μA,
DFN, TSSOP Packages
2MHz Inverting Converter Generates –12V from a 5V to 12V Input
Efficiency and Power Loss
vs Load Current
C2
10μF
VOUT
–12V
500mA (VIN = 12V)
350mA (VIN = 5V)
L1
10μH
C3
1μF
D1
147k
VIN
5V TO 12V
VIN
SW
3580 TA09a
LT3580
45.3k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
2.2nF
47pF
0.1μF
C1
2.2μF
C1: 2.2μF, 25V, X5R, 1206
C2: 10μF, 25V, X5R, 1206
C3: 1μF, 50V, X5R, 0805
D1: CENTRAL SEMI CMMSH1-40
L1: SUMIDA CDRH6D28NP-100NC
L2: SUMIDA CDRH3D28NP-220NC
L2
22μH
LOAD CURRENT (mA)
0
70
80
400
3580 TA09b
60
50
100
200
300
50
150
250
350
90
65
75
55
85
600
1000
200
0
1400
400
800
1200
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com