Electronic Components Datasheet Search
  English  ▼

X  

LT1613 Datasheet(PDF) 22 Page - Linear Technology

Part # LT1613
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1613 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT1613 Datasheet HTML 18Page - Linear Technology LT1613 Datasheet HTML 19Page - Linear Technology LT1613 Datasheet HTML 20Page - Linear Technology LT1613 Datasheet HTML 21Page - Linear Technology LT1613 Datasheet HTML 22Page - Linear Technology LT1613 Datasheet HTML 23Page - Linear Technology LT1613 Datasheet HTML 24Page - Linear Technology LT1613 Datasheet HTML 25Page - Linear Technology LT1613 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT3580
22
3580fg
TYPICAL APPLICATIONS
High Voltage Negative Power Supply Uses Tiny 5.8mm × 5.8mm × 3mm Transformer and Switches at 200kHz
Danger High Voltage! Operation by High Voltage Trained Personnel Only
C2
68nF
FOR ANY VOUT BETWEEN –50V TO
–350V, CHOOSE RFB ACCORDING TO
FOR 5V INPUT, KEEP MAXIMUM
OUTPUT POWER AT 1.58W
FOR 3.3V INPUT, KEEP MAXIMUM
OUTPUT POWER AT 0.88W
*MAY REQUIRE MULTIPLE SERIES
RESISTORS TO COMPLY WITH
MAXIMUM VOLTAGE RATINGS
VOUT
–350V
4.5mA (VIN = 5V)
2.5mA (VIN = 3.3V)
T1
1:10.4
D1
RFB 4.22M*
VIN
3.3V TO 5V
VIN
SW
3580 TA06
LT3580
464k
10k
SHDN
GND
7, 8
5, 6
1
4
FB
VC
SYNC
SS
RT
10nF
100pF
0.47μF
C1
2.2μF
C1: 2.2μF, 25V, X5R, 1206
C2: TDK C3225X7R2J683M
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
D2: ON SEMICONDUCTOR MBR0540
T1: TDK LDT565630T-041
•
•
VOUT
83.3μA
RFB =
4.7μH
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com