Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1844
Description  1.5A, Low Noise, Fast Transient Response
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 18Page - Linear Technology LTC1844 Datasheet HTML 19Page - Linear Technology LTC1844 Datasheet HTML 20Page - Linear Technology LTC1844 Datasheet HTML 21Page - Linear Technology LTC1844 Datasheet HTML 22Page - Linear Technology LTC1844 Datasheet HTML 23Page - Linear Technology LTC1844 Datasheet HTML 24Page - Linear Technology LTC1844 Datasheet HTML 25Page - Linear Technology LTC1844 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LT1963A Series
22
1963aff
For more information www.linear.com/LT1963A
pacKage DescripTion
Q(DD5) 0811 REV F
.028 – .038
(0.711 – 0.965)
TYP
.143 +.012
–.020
(
)
3.632 +0.305
–0.508
.067
(1.702)
BSC
.013 – .023
(0.330 – 0.584)
.095 – .115
(2.413 – 2.921)
.004 +.008
–.004
(
)
0.102 +0.203
–0.102
.050 ±.012
(1.270 ±0.305)
.059
(1.499)
TYP
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.330 – .370
(8.382 – 9.398)
.060
(1.524)
TYP
.390 – .415
(9.906 – 10.541)
15° TYP
.420
.350
.585
.090
.042
.067
RECOMMENDED SOLDER PAD LAYOUT
.325
.205
.080
.585
.090
RECOMMENDED SOLDER PAD LAYOUT
FOR THICKER SOLDER PASTE APPLICATIONS
.042
.067
.420
.276
.320
NOTE:
1. DIMENSIONS IN INCH/(MILLIMETER)
2. DRAWING NOT TO SCALE
.300
(7.620)
.075
(1.905)
.183
(4.648)
.060
(1.524)
.060
(1.524)
.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
Q Package
5-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1461 Rev F)
DETAIL A
DETAIL A
0° – 7° TYP
0° – 7° TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com