Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1844
Description  1.5A, Low Noise, Fast Transient Response
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 20Page - Linear Technology LTC1844 Datasheet HTML 21Page - Linear Technology LTC1844 Datasheet HTML 22Page - Linear Technology LTC1844 Datasheet HTML 23Page - Linear Technology LTC1844 Datasheet HTML 24Page - Linear Technology LTC1844 Datasheet HTML 25Page - Linear Technology LTC1844 Datasheet HTML 26Page - Linear Technology LTC1844 Datasheet HTML 27Page - Linear Technology LTC1844 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT1963A Series
24
1963aff
For more information www.linear.com/LT1963A
pacKage DescripTion
ST Package
3-Lead Plastic SOT-223
(Reference LTC DWG # 05-08-1630)
.114 – .124
(2.90 – 3.15)
.248 – .264
(6.30 – 6.71)
.130 – .146
(3.30 – 3.71)
.264 – .287
(6.70 – 7.30)
.0905
(2.30)
BSC
.033 – .041
(0.84 – 1.04)
.181
(4.60)
BSC
.024 – .033
(0.60 – 0.84)
.071
(1.80)
MAX
10
°
MAX
.012
(0.31)
MIN
.0008 – .0040
(0.0203 – 0.1016)
10
° – 16°
.010 – .014
(0.25 – 0.36)
10
° – 16°
RECOMMENDED SOLDER PAD LAYOUT
ST3 (SOT-233) 0502
.129 MAX
.059 MAX
.059 MAX
.181 MAX
.039 MAX
.248 BSC
.090
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com