Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC1844
Description  1.5A, Low Noise, Fast Transient Response
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 20Page - Linear Technology LTC1844 Datasheet HTML 21Page - Linear Technology LTC1844 Datasheet HTML 22Page - Linear Technology LTC1844 Datasheet HTML 23Page - Linear Technology LTC1844 Datasheet HTML 24Page - Linear Technology LTC1844 Datasheet HTML 25Page - Linear Technology LTC1844 Datasheet HTML 26Page - Linear Technology LTC1844 Datasheet HTML 27Page - Linear Technology LTC1844 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LT1963A Series
26
1963aff
For more information www.linear.com/LT1963A
pacKage DescripTion
FE Package
16-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1663 Rev J)
Exposed Pad Variation BB
FE16 (BB) TSSOP REV J 1012
0.09 – 0.20
(.0035 – .0079)
0
° – 8°
0.25
REF
0.50 – 0.75
(.020 – .030)
4.30 – 4.50*
(.169 – .177)
1
3 4 5 6 7 8
10 9
4.90 – 5.10*
(.193 – .201)
16 1514 13 12 11
1.10
(.0433)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
2.94
(.116)
0.195 – 0.30
(.0077 – .0118)
TYP
2
RECOMMENDED SOLDER PAD LAYOUT
0.45
±0.05
0.65 BSC
4.50
±0.10
6.60
±0.10
1.05
±0.10
2.94
(.116)
3.05
(.120)
3.58
(.141)
3.58
(.141)
4.70
(.185)
MILLIMETERS
(INCHES)
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT
SEE NOTE 4
NOTE 5
NOTE 5
6.40
(.252)
BSC
5. BOTTOM EXPOSED PADDLE MAY HAVE METAL PROTRUSION
IN THIS AREA. THIS REGION MUST BE FREE OF ANY EXPOSED
TRACES OR VIAS ON PBC LAYOUT
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
DETAIL A
DETAIL A IS THE PART OF THE
LEAD FRAM FEATURE FOR
REFERENCE ONLY
NO MEASUREMENT PUROSE
0.56
(.022)
REF
0.53
(.021)
REF
DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com