Electronic Components Datasheet Search
  English  ▼

X  

LTC1655 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1655
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1655 Datasheet HTML 3Page - Linear Technology LTC1655 Datasheet HTML 4Page - Linear Technology LTC1655 Datasheet HTML 5Page - Linear Technology LTC1655 Datasheet HTML 6Page - Linear Technology LTC1655 Datasheet HTML 7Page - Linear Technology LTC1655 Datasheet HTML 8Page - Linear Technology LTC1655 Datasheet HTML 9Page - Linear Technology LTC1655 Datasheet HTML 10Page - Linear Technology LTC1655 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1655/LTC1655L
TEMPERATURE (
°C)
–55
–15
25
45
125
1655/55L G08
–35
5
65
85 105
700
680
660
640
620
600
580
VCC = 5.5V
VCC = 5V
VCC = 4.5V
LTC1655 Supply Current vs
Temperature
LOGIC INPUT VOLTAGE (V)
0
3.0
2.6
2.2
1.8
1.4
1.0
0.6
4
1655/55L G07
1
2
3
5
LTC1655 Supply Current vs
Logic Input Voltage
VCC = 5V (LTC1655), VCC = 3V (LTC1655L) unless otherwise noted.
LTC1655L Supply Current vs
Temperature
LTC1655L Supply Current vs
Logic Input Voltage
LOGIC INPUT VOLTAGE (V)
0123
1.0
0.8
0.6
0.4
1655/55L G07a
TEMPERATURE (
°C)
–55
–15
25
45
125
1655/55L G08a
–35
5
65
85 105
580
560
540
520
500
480
460
VCC = 3.3V
VCC = 3V
VCC = 2.7V
LTC1655 Large-Signal Transient
Response
LTC1655L Large-Signal Transient
Response
TIME (5
µs/DIV)
1655/55L G10
3
2
1
0
VOUT UNLOADED
TA = 25°C
TIME (5
µs/DIV)
1655/55L G09
5
4
3
2
1
0
VOUT UNLOADED
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com