Electronic Components Datasheet Search
  English  ▼

X  

LTC1655 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1655
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655 Datasheet(HTML) 3 Page - Linear Technology

  LTC1655 Datasheet HTML 1Page - Linear Technology LTC1655 Datasheet HTML 2Page - Linear Technology LTC1655 Datasheet HTML 3Page - Linear Technology LTC1655 Datasheet HTML 4Page - Linear Technology LTC1655 Datasheet HTML 5Page - Linear Technology LTC1655 Datasheet HTML 6Page - Linear Technology LTC1655 Datasheet HTML 7Page - Linear Technology LTC1655 Datasheet HTML 8Page - Linear Technology LTC1655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1655/LTC1655L
ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 4.5V to 5.5V (LTC1655), VCC = 2.7V to 5.5V (LTC1655L); VOUT unloaded, REF unloaded, unless otherwise noted.
Op Amp DC Performance
Short-Circuit Current Low
VOUT Shorted to GND
LTC1655
q
70
120
mA
LTC1655L
q
70
140
mA
Short-Circuit Current High
VOUT Shorted to VCC
LTC1655
q
80
140
mA
LTC1655L
q
70
150
mA
Output Impedance to GND
Input Code = 0
LTC1655
q
40
120
Ω
LTC1655L
q
70
160
Ω
Output Line Regulation
Input Code = 65535, with Internal Reference
±3
mV/V
AC Performance
Voltage Output Slew Rate
(Note 4)
q
±0.3
±0.7
V/
µs
Voltage Output Settling Time
(Note 4) to 0.0015% (16-Bit Settling Time), VCC = 5V
20
µs
(Note 4) to 0.012% (13-Bit Settling Time), VCC = 5V
10
µs
Digital Feedthrough
(Note 5)
0.3
nV -s
Midscale Glitch Impulse
DAC Switched Between 8000H and 7FFFH
12
nV-s
Output Voltage Noise
LTC1655, At 1kHz
280
nV
√Hz
Spectral Density
LTC1655L, At 1kHz
220
nV
√Hz
Reference Output
Reference Output Voltage
LTC1655
q
2.036
2.048
2.060
V
LTC1655L
q
1.240
1.250
1.260
V
Reference Input Range
(Notes 6, 7) LTC1655
2.2
VCC/2
V
LTC1655L
1.3
VCC/2
V
Reference Output Tempco
LTC1655
5
ppm/
°C
LTC1655L
10
ppm/
°C
Reference Input Resistance
LTC1655, REF Overdriven to 2.2V
q
8.5
13
k
Ω
LTC1655L, REF Overdriven to 1.3V
q
7.0
13
k
Ω
Reference Short-Circuit Current
q
40
100
mA
Reference Output Line Regulation
±1.5
mV/V
Reference Load Regulation
IOUT = 100µA
q
5
mV/A
Reference Output Voltage Noise
LTC1655, At 1kHz
150
nV
√Hz
Spectral Density
LTC1655L, At 1kHz
115
nV
√Hz
Digital I/O
VIH
Digital Input High Voltage
LTC1655
q
2.4
V
LTC1655L
q
2.0
V
VIL
Digital Input Low Voltage
LTC1655
q
0.8
V
LTC1655L
q
0.6
V
VOH
Digital Output High Voltage
LTC1655, IOUT = – 1mA
q
VCC – 1.0
V
LTC1655L, IOUT = – 1mA
q
VCC – 0.7
V
VOL
Digital Output Low Voltage
LTC1655, IOUT = 1mA
q
0.4
V
LTC1655L, IOUT = 1mA
q
0.4
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com