Electronic Components Datasheet Search
  English  ▼

X  

LTC1655 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1655
Description  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1655 Datasheet(HTML) 5 Page - Linear Technology

  LTC1655 Datasheet HTML 1Page - Linear Technology LTC1655 Datasheet HTML 2Page - Linear Technology LTC1655 Datasheet HTML 3Page - Linear Technology LTC1655 Datasheet HTML 4Page - Linear Technology LTC1655 Datasheet HTML 5Page - Linear Technology LTC1655 Datasheet HTML 6Page - Linear Technology LTC1655 Datasheet HTML 7Page - Linear Technology LTC1655 Datasheet HTML 8Page - Linear Technology LTC1655 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1655/LTC1655L
TYPICAL PERFORMANCE CHARACTERISTICS
DIGITAL INPUT CODE
0
65,535
1655/55L G01
16,384
32,768
49,152
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
TC1655 Differential Nonlinearity
LOAD CURRENT (mA)
0
1.2
1.0
0.8
0.6
0.4
0.2
0
1655/55L G03
5
10
15
125
°C
25
°C
–55
°C
∆VOUT < 1LSB
VOUT = 4.096V
CODE: ALL 1’s
DIGITAL INPUT CODE
0
65,535
1655/55L G02
16,384
32,768
49,152
10
8
6
4
2
0
–2
–4
–6
–8
–10
LTC1655 Integral Nonlinearity
LTC1655 Minimum Supply
Headroom for Full Output Swing
vs Load Current
VCC = 5V (LTC1655), VCC = 3V (LTC1655L) unless otherwise noted.
LTC1655L Differential Nonlinearity
LTC1655L Integral Nonlinearity
LTC1655L Minimum Supply
Headroom for Full Output Swing
vs Load Current
DIGITAL INPUT CODE
0
65,535
1655/55L G01a
16,384
32,768
49,152
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
DIGITAL INPUT CODE
128
65,535
1655/55L G02a
16,480
32,832
49,184
10
8
6
4
2
0
–2
–4
–6
–8
–10
LOAD CURRENT (mA)
0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1655/55L G03a
5
10
15
∆VOUT < 1LSB
VOUT = 2.5V
CODE: ALL 1’s
125
°C
25
°C
–55
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com