Electronic Components Datasheet Search
  English  ▼

X  

LT1990 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1990
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1990 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1990 Datasheet HTML 3Page - Linear Technology LT1990 Datasheet HTML 4Page - Linear Technology LT1990 Datasheet HTML 5Page - Linear Technology LT1990 Datasheet HTML 6Page - Linear Technology LT1990 Datasheet HTML 7Page - Linear Technology LT1990 Datasheet HTML 8Page - Linear Technology LT1990 Datasheet HTML 9Page - Linear Technology LT1990 Datasheet HTML 10Page - Linear Technology LT1990 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC6101/LTC6101HV
7
6101fh
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
450
400
350
300
250
200
150
100
50
0
32
6101 G11
816
48
56
24
40
28
412
44
52
20
36
60
–40°C
0°C
25°C
70°C
85°C
125°C
VIN = 0
RIN = 1M
V
+
V
+-10mV
0.5V
0V
TIME (10μs/DIV)
6101 G12
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
VSENSE
–
VOUT
V
+-10mV
V
+-20mV
1V
0.5V
TIME (10μs/DIV)
6101 G13
VOUT
VSENSE
–
TA = 25°C
V
+ = 12V
RIN = 100
ROUT = 5k
VSENSE
+ = V+
LTC6101: Supply Current
vs Supply Voltage
Step Response 0mV to 10mV
Step Response 10mV to 20mV
Input Bias Current
vs Temperature
Gain vs Frequency
FREQUENCY (Hz)
1k
40
35
30
25
20
15
10
5
0
–5
–10
10k
100k
1M
6101 G09
TA = 25°C
RIN = 100
ROUT = 4.99k
IOUT = 200μA
IOUT = 1mA
TEMPERATURE (°C)
160
140
120
100
80
60
40
20
0
–40
40
80
120
100
–20
6101 G10
020
60
VS = 6V TO 100V
VS = 4V
Output Error Due to Input Offset
vs Input Voltage
LTC6101HV: IOUT Maximum
vs Temperature
INPUT VOLTAGE (V)
0.1
1
10
100
0
0.2
0.3
0.4
0.01
0.1
0.5
0.15
0.25
0.35
0.05
0.45
6101 G08
C GRADE
B GRADE
A GRADE
TA = 25°C
GAIN =10
TEMPERATURE (°C)
7
6
5
4
3
2
1
0
–40
40
80
120
100
–20
6101 G21
020
60
VS = 12V
VS = 100V
VS = 6V
VS = 5V
VS = 4V
LTC6101HV: Supply Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
600
500
400
300
200
100
0
6101 G22
60
10
30
20
40
80 90
50
70
100
–40°C
0°C
85°C
125°C
VIN = 0
RIN = 1M
70°C
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com