| Electronic Components Datasheet Search |
|
LT1990 Datasheet(PDF) 15 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT1990 Datasheet(HTML) 15 Page - Linear Technology |
|
15 / 22 page ![]() LTC6101/LTC6101HV 15 6101fh APPLICATIONS INFORMATION Reverse Supply Protection Some applications may be tested with reverse-polarity supplies due to an expectation of this type of fault during operation. The LTC6101 is not protected internally from external reversal of supply polarity. To prevent damage that may occur during this condition, a Schottky diode should be added in series with V– (Figure 7). This will limit the reverse current through the LTC6101. Note that this diode will limit the low voltage performance of the LTC6101 by effectively reducing the supply voltage to the part by VD. In addition, if the output of the LTC6101 is wired to a device that will effectively short it to high voltage (such as through an ESD protection clamp) during a reverse supply condi- tion, the LTC6101’s output should be connected through a resistor or Schottky diode (Figure 8). Response Time The LTC6101 is designed to exhibit fast response to inputs for the purpose of circuit protection or signal transmission. This response time will be affected by the external circuit in two ways, delay and speed. If the output current is very low and an input transient occurs, there may be an increased delay before the output voltage begins changing. This can be improved by increas- ing the minimum output current, either by increasing RSENSE or decreasing RIN. The effect of increased output current is illustrated in the step response curves in the Typical Performance Characteristics section of this data sheet. Note that the curves are labeled with respect to the initial output currents. The speed is also affected by the external circuit. In this case, if the input changes very quickly, the internal ampli- fier will slew the gate of the internal output FET (Figure 1) in order to maintain the internal loop. This results in current flowing through RIN and the internal FET. This current slew rate will be determined by the amplifier and FET characteristics as well as the input resistor, RIN. Us- ing a smaller RIN will allow the output current to increase more quickly, decreasing the response time at the output. This will also have the effect of increasing the maximum output current. Using a larger ROUT will decrease the re- sponse time, since VOUT = IOUT • ROUT. Reducing RIN and increasing ROUT will both have the effect of increasing the voltage gain of the circuit. Figure 7. Schottky Prevents Damage During Supply Reversal Figure 8. Additional Resistor R3 Protects Output During Supply Reversal 6101 F07 LTC6101 R2 4.99k D1 R1 100 VBATT RSENSE L O A D – + V+ V– OUT –IN +IN 6101 F08 ADC LTC6101 R2 4.99k D1 R1 100 VBATT R3 1k RSENSE L O A D – + V+ V– OUT –IN +IN |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |